Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 6Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 7Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 8Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 9Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 10Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 11Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 12Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 13Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
General description
ST-PLC-AFE
10/58
DocID028727 Rev 1
Figure 4. Tx chain with different coupling capacitor
If using CENELEC band A, it is recommended to use a 2.2 nF capacitor. For CENELEC
bands B, C, and D, a 1 nF can be used.
2.1.2
Power amplifier power management
When the transmitter is not in use, the outputs can be disabled and placed into a high-
impedance state. This is achieved by setting the PA_EN bit in the Enable register to 0. A
description of energy consumption following sub-block activation through the internal
registers is given in Section 10.7: ST-PLC-AFE consumption (no load).
The PA integrates a current limiter that is programmable by an internal register thanks to the
SPI communication. The current limit is set by the CL bits in the Gain register. Four limits are
available: 0.5 A, 1 A, 1.5 A, and 2.1 A. See Section 9.3.1: Overcurrent condition for
overcurrent protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com