Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 5 Page - STMicroelectronics

  ST-PLC-AFE Datasheet HTML 1Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 2Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 3Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 4Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 5Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 6Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 7Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 8Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
DocID028727 Rev 1
5/58
ST-PLC-AFE
Package pin description and connections
58
31
PA_GND
POWER PA
Power amplifier ground
32
PA_GND
33
PA_OUTP
OUT PA
PA output non inverting side
34
PA_OUTP
35
PA_VDD
POWER PA
Power amplifier positive supply
36
PA_VDD
37
NC5
NC
Not connected to the Silicon
38
RX_INP
IN ANALOG
Rx chain input pin, non-inverting input
39
RX_INN
Rx chain input pin, inverting input
40
RX_FOUTN
OUT ANALOG
Rx output after LPF filter, inverting output
41
RX_FOUTP
Rx output after LPF filter, non-inverting output
42
AVDD
POWER ANALOG
Analog positive supply
43
AGND
Analog ground
44
RX_PGA2_INP
IN ANALOG
Rx PGA2 input pin, non-inverting input
45
RX_PGA2_INN
Rx PGA2 input pin, inverting input
46
RX PGA2_OUT
OUT ANALOG
Rx PGA2 output pin, single mode
47
ZC2_OUT
Zero cross detector 2 output node
48
ZC2_IN
IN ANALOG
Zero cross detector 2 input node
Table 1. QFN48 pin description (continued)
Pin no.
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com