Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 13Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 14Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 15Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 16Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 17Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 18Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 19Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
DocID028727 Rev 1
17/58
ST-PLC-AFE
Electrical characteristics
58
Table 5. Power amplifier
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Frequency response
BW_PA
Bandwidth
RLOAD = 5 Ω
600
790
kHz
RLOAD = 50 Ω
1200
1600
SR_PA
Slew rate
Single-ended mode, 2 V input
step and 50 Ω load
20
27
V/μs
Single-ended mode, 2 V input
step and 2 Ω load
10
Differential mode, 2 V input step
and 100 Ω load
40
54
Differential mode, 2 V input step
and 4.5 Ω load
20
FPBW_PA
Full-power
bandwidth
Single-ended mode,
VPA_OUTP = 5 VPP, 50 Ω load
and 100 pF output capacitance
1700
kHz
Output
VOH_PA
Voltage output swing
from PA_Vs
Io = 300 mA, sourcing
0.2
0.6
V
Io = 1.6 A, sourcing
1.3
2
VOL_PA
Voltage output swing
from PA_Vs
Io = 300 mA, sink
0.2
0.6
Io = 1.6 A, sink
1.3
2
IOUT_PA_DC
Maximum DC output
current
CL0 = CL1 = 11
1.65
2.1
A
IOUT_PA_AC
Maximum peak
current, AC
TJ = –40 °C to 125°C,
f = 50 kHz
2.3
ILIM_PA
PA current limitation
[CL1; CL0] = 00
0.3
0.5
[CL1; CL0] = 10
0.75
1
[CL1; CL0] = 01
1.2
1.5
[CL1; CL0] = 11
1.65
2.1
ZOUT_PA_off
Output impedance
when PA off
limIl
100
150
kΩ
Ro
Output resistance
Io = 1 A, f = 60 kHz
0.2
Ω
Gain
G
Nominal gain
RLOAD = 50 Ω
6.8
6.9
V/V
—
Gain error
3
0.1
3
%
—
Gain drift
Tj = -40 °C to 125 °C
0.5
0.5
Input
ZIN_PA
Input impedance
20
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com