Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 16Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 17Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 18Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 19Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Electrical characteristics
ST-PLC-AFE
20/58
DocID028727 Rev 1
Global Tx chain
Vin_Tx
Input voltage
range
GND – 0.1
AVDD +
0.1
V
tWK_Tx
Wake-up time
All blocks disabled to “ready to
transmit”
100
µs
en_Tx
Differential noise
V(PA_OUTP) – V(PA_OUTN),
CENELEC A,
Tx PGA gain = 6 dB/PA gain = 6.9 V/V
660
µVrms
V(PA_OUTP) – V(PA_OUTN),
CENELEC B, C, and D,
Tx PGA gain = 6 dB/PA gain = 6.9 V/V
670
—
Filter and PGA
gain accuracy
0.5
4
%
Thermometer ladder
—
Referenced to AVDD/2
4
mV/°C
—
Output voltage @ temp = 25 °C
AVDD/2
V
—
Precision
-5
5
°C
Table 6. Transmitter (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com