Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 46Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 47Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 48Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 49Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 50Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 51Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 52Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 53Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Application information
ST-PLC-AFE
50/58
DocID028727 Rev 1
Table 19. BOM for single-ended mode configuration
Description
Designator
Quantity
Value/PN
Comment
AFE smart
metering
ST-AFE-PLCTR
1
ST_PLC_AFE
QFN48 package
Capacitor
C1, C15, C26
3
100 nF
C3
1
39 nF
C4
1
82 nF
C6, C20
2
10 µF
C9, C10, C11, C12
4
2.2 nF
C13, C17, C18, C31
4
1 nF
C14, C16, C27
3
22 nF
C24
1
22 µF
C29
1
10 nF
Schottky diode
D3, D4
2
STPS1L30A
STMicroelectronics,
SMA package
D5, D6
2
STPS3L40S
Inductance
L1
1
330µH
L2
1
150 µH
L7
1
1 mH
Resistor
R1, R4, R12
3
75
R2
1
150
R5, R6
2
47 kΩ
R8
1
1 MΩ
Transient voltage
suppressor
TVS
1
SM6T6V8CA
STMicroelectronics,
SMB package
Metal oxyde
varistor
MOV
1
Coupling to the main
Capacitor
C8
1
470 nF
Inductance
L6
1
15 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com