Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 19Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 24Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 25Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 26Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
DocID028727 Rev 1
23/58
ST-PLC-AFE
Electrical characteristics
58
Table 8. Digital domain
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Digital inputs (nCS, EN, SCLK, DIN, and DAC_CLK)
VIH
High-level input
voltage
0.25 x
VDVDD
V
VIL
Low-level input
voltage
0.75 x.
VDVDD
Digital outputs (DOUT and INT)
VOH
High-level output
voltage
Source current, IOH = 2 mA
VDVDD –
0.45
VDVDD
V
VOL
Low-level output
voltage
Sink current, IOL = - 2 mA
GND
GND + 0.45
Table 9. Zero crossing detector
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN_ZCR
DC input,
ZC1_IN; ZC2_IN
AGND – 0.3
AVDD + 0.3
V
VTHR_ZCR
Rising threshold
0.9
1
VTHF_ZCR
Falling threshold
0.45
0.55
CIN_ZCR
Input capacitance
3
pF
VOH_ZCR
High-level output
ZC1_OUT; ZC2_OUT
IOL = 3 mA
DVDD – 0.3
DVDD
V
VOL_ZCR
Low-level output
ZC1_OUT; ZC2_OUT
IOH = - 3 mA
DGND
DGND + 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com