Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 28Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 29Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 30Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 31Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 32Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 33Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 34Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 35Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Powering the device and resetting the SPI and registers
ST-PLC-AFE
32/58
DocID028727 Rev 1
7.4
Use of an external DAC
Figure 16. Register access with an external DAC
The Data register is used to update the DAC output. It is programmed directly by the SPI at
address 000h. Data are transferred to the DAC at the rising edge of DAC_CLK pin which
triggers the start of a conversion.
The DAC_CLK pin must be supplied with a stable, low-jitter, clock signal at the required
sample frequency.
The SCLK and DAC_CLK pins can be completely asynchronous, but SCLK must be more
than 16 times the frequency of the DAC_CLK pin to ensure that the Data register is updated
with a new sample between each DAC_CLK pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com