Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 38Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 39Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 40Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 41Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 42Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 43Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 44Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 45Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
Application information
ST-PLC-AFE
42/58
DocID028727 Rev 1
Figure 43. Thermal resistance as a function of PCB area
Figure 44. Thermal resistance as a function of copper thickness
10.2.3
Reducing supply voltage from the power amplifier
The system architecture has to take into account that power dissipated in transmission is
strongly linked to the supply voltage level of the PA. For example, in differential mode with a
50 % Tx duty cycle, the power dissipated with 2 Ω load is 2.28 W when PA_VDD = 11 V and
1.66 W when PA_VDD = 8 V.
Note that this power corresponds to the current being drawn out of the PA power supply
voltage multiplied by its supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com