Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 4 Page - STMicroelectronics

  ST-PLC-AFE Datasheet HTML 1Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 2Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 3Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 4Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 5Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 6Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 7Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 8Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Package pin description and connections
ST-PLC-AFE
4/58
DocID028727 Rev 1
1
Package pin description and connections
Table 1. QFN48 pin description
Pin no.
Name
Type
Description
1
ZC1_OUT
OUT ANALOG
Zero cross detector 1 output node
2
ZC1_IN
IN ANALOG
Zero cross detector 1 input node
3DVDD
POWER DIGITAL
Digital positive supply
4
DGND
Digital ground
5
NC1
NC
Not connected to the Silicon
6nCS
IN DIGITAL
SPI digital select
7
EN
System enable
8
SCLK
SPI serial clock
9
DIN
SPI digital input
10
DOUT
OUT
SPI digital output
11
DAC_CLK
IN DIGITAL
DAC input frequency
12
NC2
NC
Not connected to the Silicon
13
INT
OUT DIGITAL
Interrupt on overcurrent or thermal limit
14
TX_INP
IN ANALOG
DAC output (positive side)
15
TX_INN
DAC output (negative side)
16
AGND
POWER ANALOG
Analog ground
17
AVDD
Analog positive supply
18
TX_OUTN
OUT ANALOG
Tx LPF output (negative side)
19
TX_OUTP
Tx LPF output (positive side)
20
NC3
NC
Not connected to the Silicon
21
NC4
22
MID_AVDD
OUT ANALOG
Rx common mode voltage, AVDD/2 to be
connected to 150 nF capacitor
23
THERMAL
Thermal sensor output voltage, to be connected
to an ADC
24
MID_PA_VDD
PA common mode voltage, PA supply voltage
divided by 2, to be connected to 10 nF capacitor
25
PA_INP
IN ANALOG
PA non inverting input
26
PA_INN
PA inverting input
27
PA_VDD
POWER PA
Power amplifier positive supply
28
PA_VDD
29
PA_OUTN
OUT PA
PA output inverting side
30
PA_OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com