Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 5Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 6Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 7Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 8Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 9Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 10Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 11Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 12Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DocID028727 Rev 1
9/58
ST-PLC-AFE
General description
58
2.1
PA block
The PA block has a low-pass filter response when configured with a gain of 6.9 V/V. The PA
is specified to operate from 7 V to 14 V and can deliver up to 1.65 A of continuous output
current over the specified junction temperature range of -40 °C to 125 °C.
In differential mode, both PAs are turned on (see Figure 3).
In single-ended configuration, the N side of the PA is turned off and its output is placed into
high impedance. This is achieved by setting the PA2_EN bit in the Enable register to 0 (see
Figure 3).
Figure 3. PA equivalent circuit
2.1.1
Typical connections to the PA
Connecting the PA in a typical PLC application requires an input AC coupling capacitor,
C_IN_PA (see Figure 5 and Figure 7). This capacitor introduces a single-pole, high-pass
characteristic to the PA transfer function; combined with the inherent low-pass transfer
function, this characteristic results in a pass band response.
Figure 4 shows the impact of this coupling capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com