Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 47Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 48Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 49Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 50Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 51Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 52Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 53Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 54Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
DocID028727 Rev 1
51/58
ST-PLC-AFE
Application information
58
10.7
ST-PLC-AFE consumption (no load)
10.8
Zero crossing detector
The ST-PLC-AFE integrates two zero crossing detectors which are used to detect when the
mains signal crosses 0 V. Such information is used to ensure that the device is properly
synchronized while it is communicating on the power lines.
Figure 52 shows the signal behavior when an AC main signal is applied on the zero
crossing input pin of the device with an in-series resistor of 1 MΩ. The AC main voltage in
this example is 220 V at 50Hz. The zero crossing detector behaves similarly when 110 V of
AC voltage is applied at 60 Hz.
Figure 52. Zero crossing detector with 220 V AC main signal
Figure 53 shows the zero crossing detector threshold voltages. To avoid unwanted toggling,
this block integrates an in-built hysteresis.
Table 20. Power consumption matrix
Register bits
TX_EN
RX_EN
PA_EN
PA2_EN
DAC_EN
HP_filter EN
AVDD
DVDD
PA_VDD
10
1
1
1
0
2.9 mA
130 µA
60 mA
0
2.1 mA
130 µA
60 mA
0
2.1 mA
130 µA
31 mA
0
1.8 mA
130 µA
23 µA
0
1
2.8 mA
130 µA
23 µA
1
3.4 mA
130 µA
23 µA
0
0
590 µA
130 µA
23 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com