Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 15Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 16Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 17Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 18Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 19Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
DocID028727 Rev 1
19/58
ST-PLC-AFE
Electrical characteristics
58
Table 6. Transmitter
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Tx_DAC
—
DAC resolution
10
Bits
INL
INL
0.5
±1
LSB
DNL
DNL
0.25
±0.5
fS_DAC
Sampling
frequency
11.6
MHz
SINAD
SINAD
Between 0 to 1.6 MHz sampling
frequency
47
55
dB
—
DAC maximum
output voltage
Differential output VAVDD = 3.3 V
2
2.1
VPP
Tx_filter (fourth-order, Butterworth, low-pass filter) CENELEC A
VIN_Tx
Input voltage
range
GND – 0.1
AVDD +
0.1
V
ZIN_Tx
Input impedance
65
kΩ
fC_Tx
Cut-off frequency
95
100
105
kHz
Att_Tx
Stop-band
attenuation
@ 400 kHz
45
48
dB
@ 700 kHz
75
Tx_filter (fourth-order, Butterworth, low-pass filter) CENELEC B, C, and D
VIN_Tx
Input voltage
range
GND – 0.1
AVDD +
0.1
V
ZIN_Tx
Input impedance
65
kΩ
fC_Tx
Cut-off frequency
145
152
160
kHz
Att_Tx
Stop-band
attenuation
@ 400 kHz
30
33
dB
@ 700 kHz
59
Tx_PGA
GTx_PGA
Gain
[TX_PGA1; TX_PGA0] = 00, 2V/V
+ 6
dB
[TX_PGA1; TX_PGA0] = 01, 1 V/V
0
[TX_PGA1; TX_PGA0] = 10, 1/8 V/V
18
[TX_PGA1; TX_PGA0] = 11, 1/64 V/V
36
IOUT_Tx_
PGA
Output current
1
mA
ZOUT_Tx_
PGA
Output impedance
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com