Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 12Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 13Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 14Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 15Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 16Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 17Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 18Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 19Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Electrical characteristics
ST-PLC-AFE
16/58
DocID028727 Rev 1
4
Electrical characteristics
Unless otherwise specified, the test conditions are TJ = 25 °C, PA_VDD = 11 V,
AVDD = DVDD = 3.3 V.
Table 4. Power supply
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Current consumptions
IQPA_vs
Power amplifier
current
Iout = 0, PAs P and N on
50
60
80
mA
IQDVDD
Digital supply current
Tx configuration (1)
1. In Tx configuration, the following blocks are enabled: DAC, Tx, and PA. All other blocks are disabled.
130
175
µA
Rx configuration (2)
2. In Rx configuration, the Rx block is enabled. All other blocks are disabled.
180
200
IQAVDD
Analog supply
current
Tx configuration (1)
2.6
2.9
3.5
mA
Rx configuration (2)
2.5
2.8
3.1
Zero-cross detectors on, Rx
and Tx off, for both zero-
cross detectors
60
µA
Power-down (EN = 0)
PA_VS
Power amplifier
supply voltage
EN pin is low
35
µA
DVDD
Digital supply
voltage
150
AVDD
Analog supply
voltage
50
Temperature
Tj
Junction
temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com