Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 35Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 36Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 37Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 38Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 39Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 40Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 41Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 42Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
DocID028727 Rev 1
39/58
ST-PLC-AFE
System timings and interruptions
58
9.3.2
Over temperature condition
The ST-PLC-AFE contains protective, internal circuitry that automatically disables the PA
output stage if the junction temperature exceeds 160 °C. The device also includes a thermal
hysteresis which allows the PA to resume normal operation when the junction temperature
falls to 145 °C.
If a fault condition occurs that causes a thermal overload, the T_FLAG bit switches from 0 to
1. This configuration results in an interrupt signal at the INT pin. The T_FLAG bit remains
set to 1 even after the device returns to normal operation. The T_FLAG bit remains 1 until it
is reset by the microprocessor (when 0 is written inside the T_FLAG bit of the Status
register). Another way to reset the T_FLAG bit is to use the RST_SPI system reset
operation.
Figure 39. Over temperature event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com