Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 24Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 25Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 26Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 27Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 28Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 29Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
Registers
ST-PLC-AFE
26/58
DocID028727 Rev 1
Table 14. Enable register
Bit name
Location
Default
R/W
Function
ZCR_EN
9
0
R/W
Zero crossing detector enable
0: ZC1 and ZC2 off
1: ZC1 and ZC2 on
BAND_SEL
8
1
R/W
Select CENELEC bandwidth
1: 100 kHz CENELEC band A
0: 150 kHz CENELEC band B, C, and D
PA_EN
7
0
R/W
Enable power amplifier
0: PAs P and N off
1: PAs P and N on
TX_EN
6
0
R/W
Enable Tx channel
0: Tx off
1: Tx on
RX_EN
5
1
R/W
Enable Rx channel
0: Rx off
1: Rx on
DAC_EN
4
0
R/W
Enable internal DAC
0: DAC off and Tx path driven by external DAC
1: Tx path driven by the internal DAC
PA2_EN
3
1
R/W
Enable power amplifier N
0: PA N side off
1: PA N side on
HP_EN
2
1
R/W
Enable high-pass filter
0: high-pass filter off
1: high-pass filter on
RST_SPI
1
0
R/W
Reset all registers (1)
0: normal mode
1: reset all the registers to their default value
1. The HP_EN bit is self-resetting.
PD_SPI
0
0
R/W
Power-down all devices (2)
0: all devices on
1: all devices off
2. A reset cancels this command to its “0” default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com