Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 17Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 18Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 19Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 24Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DocID028727 Rev 1
21/58
ST-PLC-AFE
Electrical characteristics
58
Table 7. Receiver
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Rx PGA1
VIN_PGA1
DC input level
GND – 0.1
AVDD
+ 0.1
V
GRx_PGA1
Gain
[PGA1_G1; PGA1_G0] = 00
-3
dB
[PGA1_G1; PGA1_G0] = 01
3
[PGA1_G1 ; PGA1_G0] = 10
9
[ PGA1_G1 ; PGA1_G0 ] = 11
15
—
Gain accuracy
0.5
4
%
ZIN_Rx_PGA1
Input impedance
[PGA1_G1; PGA1_G0] = 00
35
kΩ
[PGA1_G1; PGA1_G0] = 01
25
[PGA1_G1; PGA1_G0] = 10
16
[PGA1_G1; PGA1_G0] = 11
9
BW_Rx_PGA1
Bandwidth
G = -3 dB, 0.707 V/V
10
MHz
G = 3 dB, 1.414 V/V
8
G = 9 dB, 2.83 V/V
8
G = 15 dB, 5.66 V/V
4.5
Rx filter
VIN_Rx
Input voltage range
GND – 0.1
AVDD
+ 0.1
V
Rx, third-order, Butterworth, high-pass filter
fC_Rx_HPF
Cut-off frequency
33
35
37
kHz
Att_Rx_HPF
Stop band attenuation
@ 7 kHz
37
40
dB
Rx_filter (fourth-order, Butterworth, low-pass filter) CENELEC A
IOUT_Rx_filter
Output maximum,
continuous current
Sourcing, sinking
1
5
mA
fC_Rx_LPF
Cut-off frequency
95
100
105
kHz
Att_Rx_LPF
Stop-band attenuation
@ 400 kHz
45
48
dB
@ 700 kHz
68
Rx_filter (fourth-order, Butterworth, low-pass filter) CENELEC B, C, and D
IOUT_Rx_filter
Output maximum,
continuous current
Sourcing, sinking
1
5
mA
fC_Rx_LPF
Cut-off frequency
145
152
160
kHz
Att_Rx_LPF
Stop-band attenuation
@ 400 kHz
30
33
dB
@ 700 kHz
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com