Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 18Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 19Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 20Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 24Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 25Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Electrical characteristics
ST-PLC-AFE
22/58
DocID028727 Rev 1
Rx PGA2
VIN_Rx_PGA2
Input voltage range
GND – 0.1
AVDD
+ 0.1
V
GRx_PGA2
Gain
[PGA2_G1; PGA2_G0] = 00
- 6
dB
[PGA2_G1; PGA2_G0] = 01
6
[PGA2_G1; PGA2_G0] = 10
18
[PGA2_G1; PGA2_G0] = 11
30
—
Gain accuracy
0.5
4
%
BWRx_PGA2
Frequency response
[PGA2_G1; PGA2_G0] = 00
5
MHz
[PGA2_G1; PGA2_G0] = 01
4
[PGA2_G1; PGA2_G0] = 10
3
kHz
[PGA2_G1; PGA2_G0] = 11
1.5
ZIN_Rx_PGA2
Input impedance
[PGA2_G1; PGA2_G0] = 00
45
kΩ
[PGA2_G1; PGA2_G0] = 01
18
[PGA2_G1; PGA2_G0] = 10
18
[PGA2_G1; PGA2_G0] = 11
10
Rx chain
en_Rx
Integrated noise that
includes whole Rx line
(referred to the input)
CENELEC Band A
μVRMS (40 kHz to 95 kHz)
Gain = 45 dB
8
μVRMS
CENELEC Bands B/C/D
μVRMS (95 kHz to 140 kHz)
Gain = 45 dB
8
μVRMS
t_startup
Wake up time
From all devices powered down to
Rx ready for operations
500
µs
t_read_start
up
Rx power-up time
Tx to Rx transition time, coupling
capacitors of 3.3 nF
10
Rx out
VOUT_Rx
Output voltage range
Vcc = 3.3 V, single ended output
0.1
3.2
V
COUT_Rx
Output capacitance
50
pF
ZOUT_Rx
Output impedance
1
Ω
Table 7. Receiver (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com