Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-PLC-AFE Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST-PLC-AFE
Description  Power-line communication, analog front-end
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-PLC-AFE Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST-PLC-AFE Datasheet HTML 21Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 22Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 23Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 24Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 25Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 26Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 27Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 28Page - STMicroelectronics ST-PLC-AFE Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
DocID028727 Rev 1
25/58
ST-PLC-AFE
Registers
58
Table 12. Status register
Bit name
Location
Default
R/W
Function
OVC_FLAG
2
0
R/W
Overcurrent condition
Read 1: over current condition
Read 0: no over current
Write 0: reset the bit
See Section 9.3: Interruptions for further
information
T_FLAG
1
0
R/W
Thermal temperature shutdown
Read 1: thermal shutdown activated
Read 0: no thermal shutdown
Write 0: reset the bit
See Section 9.3: Interruptions for further
information
Table 13. Gain register
Bit name
Location
Default
R/W
Function
RX_PGA2<1:0>
7-6
00
R/W
Select gain of Rx PGA2
00: - 6 dB
01: 6 dB
10: 18 dB
11: 30 dB
RX_PGA1<1:0>
5-4
00
R/W
Select gain of Rx PGA1
00: -3 dB
01: 3 dB
10: 9 dB
11: 15 dB
TX_PGA1<1:0>
3-2
00
R/W
Select gain of Tx PGA
00: + 6 dB
01: 0 dB
10: - 18 dB
11: - 36 dB
CL<1:0>
1-0
00
R/W
PA current limitation
00: 0.5 A typ
01: 1.5 A typ
10: 1 A typ
11: 2.1 A typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com