Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 24 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 20Page - Texas Instruments DP83256 Datasheet HTML 21Page - Texas Instruments DP83256 Datasheet HTML 22Page - Texas Instruments DP83256 Datasheet HTML 23Page - Texas Instruments DP83256 Datasheet HTML 24Page - Texas Instruments DP83256 Datasheet HTML 25Page - Texas Instruments DP83256 Datasheet HTML 26Page - Texas Instruments DP83256 Datasheet HTML 27Page - Texas Instruments DP83256 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 146 page
background image
30 Functional Description (Continued)
35 CLOCK GENERATION MODULE
The Clock Generation Module is an integrated phase locked
loop that generates all of the required clock signals for the
PLAYERa device and the rest of an FDDI system from a
single 125 MHz reference
The Clock Generation Module features
 High precision clock timing generated from a single
125 MHz reference
 Multiple precision phased (8 ns16 ns) 125 MHz Local
Byte Clocks to eliminate timing skew in large multi-board
concentrator configurations
 LBC timing which is insensitive to loading variations over
a wide range (20 pF to 70 pF) of LBC loads
 A selectable dual frequency system clock
 Low clock edge jitter due to high VCO stability
The Clock Generation Module is comprised of 6 main func-
tional blocks
Reference Selector
Phase Comparator
Loop Filter
250 MHz Voltage Controlled Oscillator
Output Phasing and Divide by 10
See
Figure 3-18 Clock Generation Module Block Diagram
REFERENCE SELECTOR
The Reference Selector block allows the user to choose
between 2 sources for the Clock Generation Module’s
125 MHz reference clock
The simplest reference clock source option is to use an
external 125 MHz reference signal fed into the REF
IN
input This input can come from a crystal oscillator module
or from a Local Byte Clock generated by another PLAYERa
device Using the appropriate crystal oscillator ensures cor-
rect operating frequency without having to adjust any dis-
crete components
Using an LBC clock from another PLAYERa device allows
one PLAYERa device to create a master clock to which
other PLAYERa devices in a system can be synchronized
Another reference clock source option is a local 125 MHz
crystal circuit An example crystal circuit with component
values is shown in
Figure 3-19 This circuit is designed to
operate with a crystal that has a CL of 15 pF The capacitor
values may need to be slightly adjusted for an individual
application to accomodate differences in parasitic loading
The REF
SEL signal selects between the two references
Component Values
Crystal 1250000 MHz
R
270X 5%
CISO
56 pF (1%)
CIN
54 pF (1%)
COUT
54 pF (1%)
TLF11708 – 22
FIGURE 3-19 Crystal Circuit
PHASE COMPARATOR
The Phase Comparator uses two signal inputs the selected
125 MHz reference from the Reference Select Block and a
Local Byte Clock that has been selected for the feedback
input FBK
IN Typically LBC1 is used as the feedback
clock
The Phase Comparator generates a pulse of current that is
proportional to the phase difference between the two sig-
nals The current pulses are used to charge and discharge a
control voltage on the internal Loop Filter This control volt-
age is used to minimize the phase difference between the
two signals
LOOP FILTER
The Loop Filter is a simple internal filter made up of one
capacitor in parallel with a serial capacitor and resistor com-
bination One end of the filter is connected to Ground and
the other node is driven by the Phase Comparator and con-
trols the internal 250 MHz Voltage Controlled Oscillator
This node can be examined for diagnostic purposes on the
LPFLTR pin when the FLTREN bit of the CGMREG register
is enabled The LPFLTR pin is provided for diagnostic pur-
poses only and should not be connected in any application
TLF11708 – 21
FIGURE 3-18 Clock Generation Module Block Diagram
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com