Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 28 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 24Page - Texas Instruments DP83256 Datasheet HTML 25Page - Texas Instruments DP83256 Datasheet HTML 26Page - Texas Instruments DP83256 Datasheet HTML 27Page - Texas Instruments DP83256 Datasheet HTML 28Page - Texas Instruments DP83256 Datasheet HTML 29Page - Texas Instruments DP83256 Datasheet HTML 30Page - Texas Instruments DP83256 Datasheet HTML 31Page - Texas Instruments DP83256 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
30 Functional Description (Continued)
37 PHY-MAC INTERFACE
NATIONAL BYTE-WIDE CODE
The PLAYERa device outputs the National byte-wide code
from its PHY Port Indicate Output to the MAC device Each
National byte-wide code may contain data or control codes
or the line state information of the connection Table 3-7
lists all the possible outputs
During Active Line State all data and control symbols are
being repeated to the PHY Port Indicate Output with the
exception of data in data-control mixture bytes That data
symbol is replaced by zero If only one symbol in a byte is a
control symbol the data symbol will be replaced by 0000
and the whole byte will be presented as control code Note
that the Line State Detector recognizes the incoming data
to be in the Active Line State upon reception of the Starting
Delimiter (JK symbol pair)
During Idle Line State any non Idle symbols will be reflected
as the code I uILS If both symbols received during Idle Line
State are Idle symbols then the Symbol Decoder generates
I kILS as its output Note the coded KnownUnknown Bit
(b3) and the Last Known Line State (b2 – 0) The Receive
State is 4 bits long and it represents either the PHY Invalid
(0011) or the Idle Line State (1011) condition The Known
Unknown Bit shows if the symbols received match the line
state information in the last 3 bits
During any line state other than Idle Line State or Active
Line State the Symbol Decoder generates the code V kLS
if the incoming symbols match the current line state The
symbol decoder generates V uLS if the incoming symbols
do not match the current line state
TABLE 3-7 National Byte Wide Code
Current Line State
Symbol 1
Symbol 2
National Code
Control Bit
Data
Control Bit
Data
Control Bit
Data
ALS
0
n
0
n
0
n-n
ALS
0
n
1
C
1
N-C
ALS
1
C
0
n
1
C-N
ALS
1
C
1
C
1
C-C
ILS
1I
1I
1I -k-LS
ILS
1
I
x
Not I
1
I -u-LS
ILS
x
Not I
1
I
1
I -u-LS
ILS
x
Not I
x
Not I
1
I -u-LS
Stuff Byte during ILS
x
x
x
x
1
I -k-ILS
Not ALS and Not ILS
1
M
1
M
1
V -k-LS
Not ALS and Not ILS
1
M
x
Not M
1
V -u-LS
Not ALS and Not ILS
x
Not M
1
M
1
V -u-LS
Not ALS and Not ILS
x
Not M
x
Not M
1
V -u-LS
Stuff Byte during Not ALS
x
x
x
x
1
V -k-LS V -u-LS
or L -u-ILS
EB OverflowUnderflow
1
0011 1011
SMT
PI Connection (LSU)
1
0011 1010
Scrub Symbol Pair
1
1011 1000
Where
n
e
Any data symbol in 0 1 2
F
C
e
Any control symbol in V R S T I H
N
e
0000 e Code for data symbol in a data control mixture byte
I
e
Idle Symbol
M e Any symbol that matches the current line state
I
e
1011 e First symbols of the byte in Idle Line State
V
e
0011 e PHY Invalid
LS e Line State
ALS e 000
ILS
e
001
NSD e 010
MLS e 100
HLS e 101
QLS e 110
NLS e 111
u
e
1
e
Indicates symbol received does not match current line state
k
e
0
e
Indicate symbol received matches current line state
x
e
Don’t care
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com