Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 87 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 87 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 83Page - Texas Instruments DP83256 Datasheet HTML 84Page - Texas Instruments DP83256 Datasheet HTML 85Page - Texas Instruments DP83256 Datasheet HTML 86Page - Texas Instruments DP83256 Datasheet HTML 87Page - Texas Instruments DP83256 Datasheet HTML 88Page - Texas Instruments DP83256 Datasheet HTML 89Page - Texas Instruments DP83256 Datasheet HTML 90Page - Texas Instruments DP83256 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 146 page
background image
50 Registers (Continued)
542 ALTERNATE PMD REGISTER (APMDREG)
This register is used to enable or disable the Alternate PMD inputs and ouputs These signals are not required for use in FDDI
board implementations that do not require a scrambler that is external to the PLAYERa device The actual interface consists of
the signal pairs RXC
OUT RXD
OUT RXC
IN and RXD
IN
The interface is disabled by default and should only be enabled if it is being used Note that Long Internal Loopback should not
be used when the Alternate PMD Interface is enabled
DO NOT WRITE TO RESERVED REGISTER BITS Writes to reserved register bits could prevent proper device operation
Therefore read the register first and then write it back with the non-reserved bits set to the desired value
Note
The Alternate PMD Interface pins are only available on the 100-pin DP83256-AP and 160-pin DP83257 PLAYERa devices The Alternate PMD Interface is
disabled on reset
ACCESS RULES
ADDRESS
READ
WRITE
3Ch
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
RES
APMDEN
RES
RES
RES
Bit
Symbol
Description
D0 – D2
RES
RESERVED BITS
DO NOT CHANGE THE VALUE OF THESE BITS Changes to reserved register bits could
prevent proper device operation
D3
APMDEN
ALTERNATE PMD ENABLE
When bit is set to 1 the Alternate PMD Interface is enabled When this bit is
reset to 0 the Alternate PMD Interface is disabled
The Alternate PMD Interface consists of the following extra ECL signal pairs
RXC
OUT RXD
OUT RXC
IN and RXD
IN
In some alternate PMD implementations it may also be necessary to use the 125 MHz Transmit Clock
signals (TXC) The TXC outputs must be separately enabled by the TXCE bit in the CGMREG register
Note
The Alternate PMD Interface pins are only available on the 100-pin DP83256-AP and 160-pin DP83257 PLAYERa devices The
Alternate PMD Interface is disabled on reset
D4 – D7
RES
RESERVED BITS
DO NOT CHANGE THE VALUE OF THESE BITS Changes to reserved register bits could
prevent proper device operation
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com