Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 8 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 4Page - Texas Instruments DP83256 Datasheet HTML 5Page - Texas Instruments DP83256 Datasheet HTML 6Page - Texas Instruments DP83256 Datasheet HTML 7Page - Texas Instruments DP83256 Datasheet HTML 8Page - Texas Instruments DP83256 Datasheet HTML 9Page - Texas Instruments DP83256 Datasheet HTML 10Page - Texas Instruments DP83256 Datasheet HTML 11Page - Texas Instruments DP83256 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
30 Functional Description
The PLAYERa device is comprised of six blocks Clock
Recovery
Receiver
Transmitter
Configuration Switch
Clock Generation and Station Management Support
31 CLOCK RECOVERY MODULE
The Clock Recovery Module accepts a 125 Mbps NRZI data
stream from the external PMD receiver It then provides the
extracted and synchronized data and clock to the Receiver
block
The Clock Recovery Module performs the following opera-
tions
 Locks onto and tracks the incoming NRZI data stream
 Extracts the data stream and the synchronized 125 MHz
clock
The Clock Recovery Module is implemented using an ad-
vanced digital architecture that replaces sensitive analog
blocks with digital circuitry This allows the PLAYERa de-
vice to be manufactured to tighter tolerances since it is less
sensitive to processing variations that can adversely affect
analog circuits
The Clock Recovery Module is comprised of 5 main func-
tional blocks
Digital Phase Detector
Digital Phase Error Processor
Digital Loop Filter
Digital Phase to Frequency Converter
Frequency Controlled Oscillator
See
Figure 3-1 Clock Recovery Module Block Diagram
DIGITAL PHASE DETECTOR
The Digital Phase Detector has two main functions phase
error detection and data recovery
Phase error detection is accomplished by a digital circuit
that compares the input data (PMID) to an internal phase-
locked 125 MHz reference clock and generates a pair of
error signals The first signal is a pulse whose width is equal
to the phase error between the input data and a reference
clock and the second signal isa4ns reference pulse
These signals are fed into the Digital Phase Error Processor
block
The data recovery function converts the incoming encoded
data stream (PMID) into synchronized data and clock sig-
nals When the circuit is in lock the rising edge of the recov-
ered clock is exactly centered in the recovered data bit cell
The digital phase detector uses a common path for phase
error detection and data recovery so as to minimize clock
Static Alignment Error (SAE) Phase error averaging is also
included so that phase errors generated by positive and
negative PMID edges equally affect the clock recovery cir-
cuit This greatly improves the immunity to Duty Cycle Dis-
tortion (DCD) in the data recovery circuit
DIGITAL PHASE ERROR PROCESSOR
The Digital Phase Error Processor is responsible for sam-
pling the Phase Detector’s phase error outputs and produc-
ing two digital outputs that indicate to the digital loop filter
how to adjust for a difference between the data phase and
reference phases
The Phase Error Processor is designed to eliminate the ef-
fects of different clock edge densities between data sym-
bols and the various line state symbols on the PLL’s loop
gain
TLF11708 – 3
FIGURE 3-1 Clock Recovery Module Block Diagram
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com