Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 90 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 90 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 86Page - Texas Instruments DP83256 Datasheet HTML 87Page - Texas Instruments DP83256 Datasheet HTML 88Page - Texas Instruments DP83256 Datasheet HTML 89Page - Texas Instruments DP83256 Datasheet HTML 90Page - Texas Instruments DP83256 Datasheet HTML 91Page - Texas Instruments DP83256 Datasheet HTML 92Page - Texas Instruments DP83256 Datasheet HTML 93Page - Texas Instruments DP83256 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 146 page
background image
60 Signal Descriptions
61 DP83256VF PIN DESCRIPTIONS
The pin descriptions for the DP83256VF are divided into 5 functional interfaces PMD Interface PHY Port Interface Control Bus
Interface Clock Interface and Miscellaneous Interface
For a Pinout Summary list refer to Table 8-1 and
Figure 8-1 DP83256VF 100-Pin JEDEC Metric PQFP Pinout
PMD INTERFACE
The PMD Interface consists of IO signals used to connect the PLAYERa device to the Physical Medium Dependant (PMD)
sublayer
Symbol
Pin
IO
Description
PMIDa
39
I
PMD Indicate Data
Differential 100k ECL 125 Mbps serial data input signals from the PMD receiver
PMIDb
38
PMRDa
33
O
PMD Request Data
Differential 100k ECL 125 Mbps serial data output signals to the PMD transmitter
PMRDb
32
SDa
37
I
Signal Detect
Differential 100k ECL input signals from the PMD receiver indicating that a signal is being
received by the PMD receiver
SDb
36
TEL
47
I
PMD Transmitter Enable Level
A TTL input signal to select the PMD transmitter Enable (TXE) signal
level
TXE
46
O
PMD Transmitter Enable
A TTL output signal to enabledisable the PMD transmitter The output level
of the TXE pin is determined by three parameters the Transmit Enable (TE) bit in the Mode Register the
TM2-TM0 bits in the Current Transmit State Register and the input to the TEL pin The following rules
summarize the output of the TXE pin
1 If TEe0 and TELeGND then TXEeVCC
2 If TEe0 and TELeVCC then TXEeGND
3 If TEe1 and OTM and TELeGND then TXEeVCC
4 If TEe1 and OTM and TELeVCC then TXEeGND
5 If TEe1 and not OTM and TELeGND then TXEeGND
6 If TEe1 and not OTM and TELeVCC then TXEeVCC
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com