Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 52 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 48Page - Texas Instruments DP83256 Datasheet HTML 49Page - Texas Instruments DP83256 Datasheet HTML 50Page - Texas Instruments DP83256 Datasheet HTML 51Page - Texas Instruments DP83256 Datasheet HTML 52Page - Texas Instruments DP83256 Datasheet HTML 53Page - Texas Instruments DP83256 Datasheet HTML 54Page - Texas Instruments DP83256 Datasheet HTML 55Page - Texas Instruments DP83256 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 146 page
background image
50 Registers (Continued)
57 INJECTION SYMBOL REGISTER A (ISRA)
The Injection Symbol Register A along with Injection Symbol Register B contains the programmable value (already in 5B code)
that can be inserted to replace the data symbol pairs
In One Shot mode ISRA and ISRB are injected n bytes after a JK where n is the programmed value of the Injection Threshold
Register In the Periodic mode ISRA and ISRB are injected every n-th symbol pair In the Continuous mode all data symbols are
replaced with ISRA and ISRB
ACCESS RULES
ADDRESS
READ
WRITE
06h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
IJS4
IJS3
IJS2
IJS1
IJS0
Bit
Symbol
Description
D0 – D4
IJS0 – IJS4
INJECTION SYMBOL BITk0-4l
Symbol to be injected
IJS0 is the Least Significant Bit (LSB) and goes out onto the media last
D5 – D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using these bits The reserved bits are set to 0 during the reset process They may be set or cleared
without any effects to the functionality of the PLAYERa device
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com