Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 45 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 41Page - Texas Instruments DP83256 Datasheet HTML 42Page - Texas Instruments DP83256 Datasheet HTML 43Page - Texas Instruments DP83256 Datasheet HTML 44Page - Texas Instruments DP83256 Datasheet HTML 45Page - Texas Instruments DP83256 Datasheet HTML 46Page - Texas Instruments DP83256 Datasheet HTML 47Page - Texas Instruments DP83256 Datasheet HTML 48Page - Texas Instruments DP83256 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 146 page
background image
50 Registers (Continued)
52 CONFIGURATION REGISTER (CR)
The Configuration Register controls the Configuration Switch Block and enablesdisables both the A and B ports The CR can
be used to create a number of Configuration Loopback paths
The CR is conditionally writable because the TTCR can be writing a new value into the register if this feature is enabled
Note that the A
Request and B
Indicate port are offered only on the DP83257 and not in the DP83256 For further informa-
tion refer to section 34 CONFIGURATION SWITCH
ACCESS RULES
ADDRESS
READ
WRITE
01h
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
BIE
AIE
TRS1
TRS0
BIS1
BIS0
AIS1
AIS0
Bit
Symbol
Description
D0 D1
AIS0 AIS1
A
INDICATE SELECTOR k0 1l
The A
Indicate Selector k0 1l bits selects one of the four
Configuration Switch data buses for the A
Indicate output port (AIP AIC AIDk70l)
AIS1
AIS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10A
Request Bus
11B
Request Bus
D2 D3
BIS0 BIS1
B
INDICATE SELECTOR k0 1l
The B
Indicate Selector k0 1l bits selects one of the four
Configuration Switch data buses for the B
Indicate output port (BIP BIC BIDk70l)
BIS1
BIS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10A
Request Bus
11B
Request Bus
Note
Even though this bit can be set andor cleared in the DP83256 it will not affect any IOs since the DP83256 does not offer a
B
Indicate port
D4 D5
TRS0 TRS1
TRANSMIT REQUEST SELECTOR k0 1l
The Transmit Request Selector k0 1l bits select one of
the four Configuration Switch data buses for the input to the Transmitter Block
TRS1
TRS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10A
Request Bus
11B
Request Bus
Note
If the PLAYERa device is in Active Transmit Mode (ie the Transmit Mode bits (TMk20l) of the Current Transmit State
Register (CTSR) are set to 00) and the PHY Invalid Bus is selected then the PLAYERa device will transmit a maximum of four
Halt symbol pairs and then continuous Idle symbols due to the Repeat Filter when in the Repeat state
D6
AIE
A
INDICATE ENABLE
0 Disables the A
Indicate output port The A
Indicate port pins will be tri-stated when the port is
disabled
1 Enables the A
Indicate output port (AIP AIC AIDk70l)
D7
BIE
B
INDICATE ENABLE
0 Disables the B
Indicate output port The B
Indicate port pins will be tri-stated when the port is
disabled
1 Enables the B
Indicate output port (BIP BIC BIDk70l)
Note
Even though this bit can be set andor cleared in the DP83256 it will not affect any IOs since the DP83256 does not offer a
B
Indicate port
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com