Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 94 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 94 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 90Page - Texas Instruments DP83256 Datasheet HTML 91Page - Texas Instruments DP83256 Datasheet HTML 92Page - Texas Instruments DP83256 Datasheet HTML 93Page - Texas Instruments DP83256 Datasheet HTML 94Page - Texas Instruments DP83256 Datasheet HTML 95Page - Texas Instruments DP83256 Datasheet HTML 96Page - Texas Instruments DP83256 Datasheet HTML 97Page - Texas Instruments DP83256 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 146 page
background image
60 Signal Descriptions (Continued)
MISCELLANEOUS INTERFACE
The Miscellaneous Interface consist of a reset signal user definable sense signals and user definable enable signals
Symbol
Pin
IO
Description
E
RST
71
I
Reset
An active low TTL input signal which clears all registers The signal must be kept asserted for a
minimum amount of time Once the ERST signal is asserted the PLAYERa device should be allowed
the specified amount of time to reset internal logic Note that bit zero of the Mode Register will be set to
zero (ie Stop Mode) See section 42 Stop Mode of Operation for more information
SP0
40
I
User Definable Sense Pin 0
A TTL input signal from a user defined source Sense Bit 0 (SB0) of the
User Definable Register (UDR) will be set to one if the signal is asserted for a minimum of 160 ns Once
the asserted signal is latched Sense Bit 0 can only be cleared through the Control Bus Interface even if
the signal is deasserted This ensures that the Control Bus Interface will record the source of events
which can cause interrupts
SP1
42
I
User Definable Sense Pin 1
A TTL input signal from a user defined source Sense Bit 1 (SB1) of the
User Definable Register (UDR) will be set to one if the signal is asserted for a minimum of 160 ns Once
the asserted signal is latched Sense Bit 1 can only be cleared through the Control Bus Interface even if
the signal is deasserted This ensures that the Control Bus Interface will record the source of events
which can cause interrupts
EP0
41
O
User Definable Enable Pin 0
A TTL output signal allowing control of external logic through the Control
Bus Interface EP0 is asserteddeasserted through Enable Bit 0 (EB0) of the User Definable Register
(UDR) When Enable Bit 0 is set to zero EP0 is deasserted When Enable Bit 0 is set to one EP0 is
asserted
EP1
43
O
User Definable Enable Pin 1
A TTL output signal allowing control of external logic through the Control
Bus Interface EP1 is asserteddeasserted through Enable Bit 1 (EB1) of the User Definable Register
(UDR) When Enable Bit 1 is set to zero EP1 is deasserted When Enable Bit 1 is set to one EP1 is
asserted
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com