Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 67 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 67 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 63Page - Texas Instruments DP83256 Datasheet HTML 64Page - Texas Instruments DP83256 Datasheet HTML 65Page - Texas Instruments DP83256 Datasheet HTML 66Page - Texas Instruments DP83256 Datasheet HTML 67Page - Texas Instruments DP83256 Datasheet HTML 68Page - Texas Instruments DP83256 Datasheet HTML 69Page - Texas Instruments DP83256 Datasheet HTML 70Page - Texas Instruments DP83256 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
50 Registers (Continued)
522 LINK ERROR THRESHOLD REGISTER (LETR)
The Link Error Threshold Register contains the start value for the Link Error Monitor Counter It is an 8-bit down-counter which
decrements if link errors are detected
When the Counter reaches 0 the Link Error Monitor Threshold Register value is loaded into the Link Error Monitor Counter and
the Link Error Monitor Threshold bit (LEMT) of the Interrupt Condition Register (ICR) is set to one
The Link Error Monitor Threshold Register value is also loaded into the Link Error Monitor Counter during every Control Bus
Interface write cycle of LETR
The counter is initialized to 0 during the reset process (ie ERSTeGND)
ACCESS RULES
ADDRESS
READ
WRITE
15h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
LET7
LET6
LET5
LET4
LET3
LET2
LET1
LET0
Bit
Symbol
Description
D0 – D7
LET0 – LET7
LINK ERROR THRESHOLD BIT k0–7l
Start value for the Link Error Monitor Counter
LET0 is the Least Significant Bit (LSB)
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com