Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 96 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 92Page - Texas Instruments DP83256 Datasheet HTML 93Page - Texas Instruments DP83256 Datasheet HTML 94Page - Texas Instruments DP83256 Datasheet HTML 95Page - Texas Instruments DP83256 Datasheet HTML 96Page - Texas Instruments DP83256 Datasheet HTML 97Page - Texas Instruments DP83256 Datasheet HTML 98Page - Texas Instruments DP83256 Datasheet HTML 99Page - Texas Instruments DP83256 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 146 page
background image
60 Signal Descriptions (Continued)
62 DP83256VF-AP SIGNAL DESCRIPTIONS
The pin descriptions for the DP83256VF-AP are divided into five functional interfaces PMD Interface PHY Port Interface
Control Bus Interface Clock Interface and Miscellaneous Interface
For a Pinout Summary List refer to Table 8-2 and
Figure 8-2 DP83256VF-AP 100-Pin JEDEC Metric PQFP Pinout
PMD INTERFACE
The PMD Interface consists of IO signals used to connect the PLAYERa device to the Physical Medium Dependant (PMD)
sublayer
The DP83256VF-AP PLAYERa device actually has two PMD interfaces The Primary PMD Interface and the Alternate PMD
Interface
The Primary PMD Interface should be used for all PMD implementations that do not require an external scramblerdescrambler
function clock recovery function or clock generation function such as a Fiber Optic or Shielded Twisted Pair (SDDI) PMD The
second Alternate PMD Interface can be used to support Unshielded Twisted Pair (UTP) PMDs that require external scrambling
with no external clock recovery or clock generation functions required
Section 38 describes how the PLAYERa can be connected to the PMD and how the Alternate PMD can be enabled
Note that when the Alternate PMD Interface is not being used the pins that make up the interface must be connected in the
specific way described in the following Alternate PMD Interface table
Primary PMD Interface
Symbol
Pin
IO
Description
PMIDa
42
I
PMD Indicate Data
Differential 100k ECL 125 Mbps serial data input signals from the PMD Receiver
into the Clock Recovery Module (CRM) of the PLAYERa
PMIDb
41
PMRDa
34
O
PMD Request Data
Differential 100k ECL 125 Mbps serial data output signals to the PMD transmitter
PMRDb
33
SDa
40
I
Signal Detect
Differential 100k ECL input signals from the PMD receiver indicating that a signal is being
received by the PMD receiver
SDb
39
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com