Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 88 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 88 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 84Page - Texas Instruments DP83256 Datasheet HTML 85Page - Texas Instruments DP83256 Datasheet HTML 86Page - Texas Instruments DP83256 Datasheet HTML 87Page - Texas Instruments DP83256 Datasheet HTML 88Page - Texas Instruments DP83256 Datasheet HTML 89Page - Texas Instruments DP83256 Datasheet HTML 90Page - Texas Instruments DP83256 Datasheet HTML 91Page - Texas Instruments DP83256 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 146 page
background image
50 Registers (Continued)
543 GAIN REGISTER (GAINREG)
The Gain Register contains the settings for the CGM’s on-chip programmable loop filter For optimal jitter performance on the
revision A and B PLAYERa device’s Filter Position 4 should be used The user should check that the IDR register is equal to
revision A or B (10h or 11h) before changing the filter setting as later revisions will default to the correct setting which may be a
different filter position number
Pseudo Code Programming Example
Care must be taken when changing the settings of the on-chip programmable loop filter The filter should only be set to the
recommended value and the additional bits in the Gain Register must not be altered Alteration of the reserved bits in the Gain
Register may result in improper PLAYERa device operation
The following pseudo code outlines the proper procedure for setting the Gain Register loop filter settings to the correct value
Register names and constants are all in UPPERCASE
define REV B 0x11
define REV A 0x10
define LOOP MASK 0x1F
define NEW LOOP 0x40
if (IDR k
4 REV B)
temp
4 GAIN REG
temp
4 temp
LOOP MASK
temp
4 temp l NEW LOOP
GAIN REG
4 temp
else
Do Nothing
ACCESS RULES
ADDRESS
READ
WRITE
3Dh
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
FILT2
FILT1
FILT0
RES
RES
RES
RES
RES
Bit
Symbol
Description
D0 – D4
RES
RESERVED
Do not alter these bits The device may cease to operate properly if these bits are
changed
D5–D7
FILT0
FILT2
FILT1
FILTER SELECTION k0 1 2l
The Filter Selection k0 1 2l bits select one of five on-chip CGM
loop filters
Note
Filter combinations that are not specified or recommended should not be used and may result in non-optimal device
performance
FILT2
FILT1
FILT0
1
1
0
FP0 Filter Position 0
1
1
1
FP1 Filter Position 1
0
0
0
FP2 Filter Position 2 This is the filter selected after reset on the
revision A and B PLAYERa devices
0
0
1
FP3 Filter Position 3
0
1
0
FP4 Filter Position 4 This is the recommended filter position for
the revision A and B PLAYERa devices
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com