Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 34 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 30Page - Texas Instruments DP83256 Datasheet HTML 31Page - Texas Instruments DP83256 Datasheet HTML 32Page - Texas Instruments DP83256 Datasheet HTML 33Page - Texas Instruments DP83256 Datasheet HTML 34Page - Texas Instruments DP83256 Datasheet HTML 35Page - Texas Instruments DP83256 Datasheet HTML 36Page - Texas Instruments DP83256 Datasheet HTML 37Page - Texas Instruments DP83256 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 146 page
background image
40 Modes of Operation (Continued)
Long Internal Loopback
The Long Internal Loopback mode implements the longest
loopback path that is completely within the PLAYERa de-
vice
The Long Internal Loopback mode can be used to test the
functionality of the PLAYERa device including the Clock
Recovery function and to test the data paths between the
PLAYERa device and MACSI devices before ring insertion
When in the Long Internal Loopback mode the PLAYERa
device performs the following functions
 Directs the output data of the Transmitter Block to the
input of the Clock Recovery Module through an internal
path
 Ignores the PMD Data Indicate pins (PMIDg)
 Outputs Quiet symbols through the PMD Data Request
pins (PMRDg)
The level of the Quiet symbols transmitted through the
PMRDg pins during loopback is automatically set to the
transmitter off level
If both Short Internal Loopback and Long Internal Loopback
modes are selected Long Internal Loopback mode will
have priority over Short Internal Loopback mode This is the
longest loopback path within the PLAYERa device
Note that the LILB path is disconnected and should not be
used when the Alternate PMD Interface is active
See
Figure 4-4 Long Internal Loopback
TLF11708 – 26
FIGURE 4-4 Long Internal Loopback
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com