Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 72 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 72 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 68Page - Texas Instruments DP83256 Datasheet HTML 69Page - Texas Instruments DP83256 Datasheet HTML 70Page - Texas Instruments DP83256 Datasheet HTML 71Page - Texas Instruments DP83256 Datasheet HTML 72Page - Texas Instruments DP83256 Datasheet HTML 73Page - Texas Instruments DP83256 Datasheet HTML 74Page - Texas Instruments DP83256 Datasheet HTML 75Page - Texas Instruments DP83256 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 146 page
background image
50 Registers (Continued)
527 INTERRUPT CONDITION COMPARISON REGISTER (ICCR)
The Interrupt Condition Comparison Register ensures that the Control Bus must first read a bit modified by the PLAYERa
device before it can be written to by the Control Bus Interface
The current state of the Interrupt Condition Register (ICR) is automatically written into the Interrupt Condition Comparison
Register (ie ICCReICR) during a Control Bus Interface read-cycle of ICR
During a Control Bus Interface write cycle the PLAYERa device will set the Conditional Write Inhibit bit (CWI) of the Interrupt
Condition Register (ICR) to 1 and disallow the setting or clearing of a bit within ICR when the value of a bit in ICR differs from the
value of the corresponding bit in the interrupt Condition Comparison Register
ACCESS RULES
ADDRESS
READ
WRITE
1Ah
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
UDIC
RCBC
RCAC
LEMTC
CWIC
CCRC
CPEC
DPEC
Bit
Symbol
Description
D0
DPEC
PHY
REQUEST DATA PARITY ERROR COMPARISON
The comparison bit for the PHY
Request Data Parity
Error bit (DPE) of the Interrupt Condition Register (ICR)
D1
CPEC
CONTROL BUS DATA PARITY ERROR COMPARISON
The comparison bit for the Control Bus Data Parity Error
bit (CPE) of the Interrupt Condition Register (ICR)
D2
CCRC
CONTROL BUS WRITE COMMAND REJECT COMPARISON
The comparison bit for the Control Bus Write
Command Reject bit (CCR) of the Interrupt Condition Register (ICR)
D3
CWIC
CONDITIONAL WRITE INHIBIT COMPARISON
The comparison bit for the Conditional Write Inhibit bit (CWI) of
the Interrupt Condition Register (ICR)
D4
LEMTC
LINK ERROR MONITOR THRESHOLD COMPARISON
The comparison bit for the Link Error Monitor Threshold
bit (LEMT) of the Interrupt Condition Register (ICR)
D5
RCAC
RECEIVE CONDITION A COMPARISON
The comparison bit for the Receive Condition A bit (RCA) of the
Interrupt Condition Register (ICR)
D6
RCBC
RECEIVE CONDITION B COMPARISON
The comparison bit for the Receive Condition B bit (RCB) of the
Interrupt Condition Register (ICR)
D7
UDIC
USER DEFINABLE INTERRUPT COMPARISON
The comparison bit for the User Definable Interrupt bit (UDIC) of
the Interrupt Condition Register (ICR)
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com