Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 46 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 42Page - Texas Instruments DP83256 Datasheet HTML 43Page - Texas Instruments DP83256 Datasheet HTML 44Page - Texas Instruments DP83256 Datasheet HTML 45Page - Texas Instruments DP83256 Datasheet HTML 46Page - Texas Instruments DP83256 Datasheet HTML 47Page - Texas Instruments DP83256 Datasheet HTML 48Page - Texas Instruments DP83256 Datasheet HTML 49Page - Texas Instruments DP83256 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 146 page
background image
50 Registers (Continued)
53 INTERRUPT CONDITION REGISTER (ICR)
The Interrupt Condition Register records the occurrence of an internal error event the detection of Line State an unsuccessful
write by the Control Bus Interface the expiration of an internal counter or the assertion of one or more of the User Definable
Sense pins
The Interrupt Condition Register will assert the Interrupt pin (EINT) when one or more bits within the register are set to 1 and
the corresponding mask bits in the Interrupt Condition Mask Register (ICMR) are also set to 1
ACCESS RULES
ADDRESS
READ
WRITE
02h
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
UDI
RCB
RCA
LEMT
CWI
CCR
CPE
DPE
Bit
Symbol
Description
D0
DPE
PHY
REQUEST
DATA PARITY ERROR
This bit will be set to 1 when
1 The PHY Request Data Parity Enable bit (PRDPE) of the Current Transmit State Register (CTSR) is set to 1 and
2 The Transmitter Block detects a parity error in the incoming PHY Request Data
The source of the data can be from the PHY Invalid Bus the Receive Bus the A
Bus or the B
Bus of the
Configuration Switch
Note
Parity is only checked on data that goes into the transmitter block This means that any data that is just routed through the configuration
switch without going into the transmit block is not checked
D1
CPE
Control Bus DATA PARITY ERROR
This bit will be set to 1 when the Control Bus Interface detects a parity error
in the incoming Control Bus Data (CBDk70l) CBP during a write cycle
D2
CCR
Control Bus WRITE COMMAND REJECT
This bit will be set to 1 when an attempt to write into one of the
following read-only registers is made
Current Receive State Register (Register 08 CRSR)
Current Noise Count Register (Register 0F CNCR)
Current Noise Prescale Count Register (Register 10 CNPCR)
Current State Count Register (Register 13 CSCR)
Current State Prescale Count Register (Register 14 CSPCR)
Current Link Error Count Register (Register 16 CLECR)
Device ID Register (Register 18 IDR)
Current Injection Count Register (Register 19 CIJCR)
Scrub Timer Value Register (Register 25 STVR)
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com