Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 5 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 5 Page - Texas Instruments

  DP83256 Datasheet HTML 1Page - Texas Instruments DP83256 Datasheet HTML 2Page - Texas Instruments DP83256 Datasheet HTML 3Page - Texas Instruments DP83256 Datasheet HTML 4Page - Texas Instruments DP83256 Datasheet HTML 5Page - Texas Instruments DP83256 Datasheet HTML 6Page - Texas Instruments DP83256 Datasheet HTML 7Page - Texas Instruments DP83256 Datasheet HTML 8Page - Texas Instruments DP83256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
DP83222 CYCLONE Twisted Pair
FDDI Stream Cipher Device
General Description
The DP83222 CYCLONE Stream Cipher ScramblerDes-
crambler Device is an integrated circuit designed to inter-
face directly with the serial bit streams of a Twisted Pair
FDDI PMD The DP83222 is designed to be fully compatible
with the National Semiconductor FDDI Chip Sets including
twisted pair FDDI Transceivers such as the DP83223A
Twisted Pair Transceiver (TWISTER) The DP83222 re-
quires a 125 MHz Transmit Clock and corresponding Re-
ceive Clock for synchronous data scrambling and descram-
bling The DP83222 is compliant with the ANSI X3T95
TP-PMD standard and is required for the reduction of EMI
emission over unshielded media The DP83222 is specified
to work in conjunction with existing twisted pair transceiver
signalling schemes and enables high bandwidth transmis-
sion over Twisted Pair copper media
Features
Y
Enables 100 Mbps FDDI signalling over Category 5
Unshielded Twisted Pair (UTP) cable and Type 1
Shielded Twisted Pair (STP)
Y
Reduces EMI emissions over Twisted Pair media
Y
Compatible with ANSI X3T95 TP-PMD standard
Y
Requires a single a5V supply
Y
Transparent mode of operation
Y
Flexible NRZ and NRZI format options
Y
Advanced BiCMOS process
Y
Signal Detect and Clock Detect inputs provided for en-
hanced functionality
Y
Suitable for Fiber Optic PMD replacement applications
DP83223A TWISTER High Speed
Networking Transceiver Device
General Description
The DP83223A Twisted Pair Transceiver is an integrated
circuit capable of driving and receiving either binary or
(MLT-3) encoded datastreams The DP83223A Transceiver
is designed to interface directly with standards compliant
FDDI 100BASE-TX or STS-3c ATM chip sets allowing low
cost data links over copper based media The DP83223A
allows links of up to 100 meters over both Shielded Twisted
Pair (STP) and datagrade Unshielded Twisted Pair (UTP) or
equivalent The electrical performance of the DP83223A
meets or exceeds all performance parameters specified
in the ANSI X3T95 TP-PMD standard the IEEE 8023
100BASE-TX Fast Ethernet Specification and the ATM Fo-
rum 155 Mbps Twisted Pair PMD Interface Specification
The DP83223A also provides important features such as
baseline restoration TRI-STATE
capable transmit outputs
and controlled transmit output edge rates (to reduce EMI
radiation) for both binary and MLT-3 modes of operation
Features
Y
Compliant with ANSI X3T95 TP-PMD standard
Y
Compliant with IEEE 8023 100BASE-TX Ethernet draft
standard
Y
Compliant with ATM Forum 155 Mbps Twisted Pair
Specification
Y
Integrated baseline restoration circuit
Y
Integrated transmitter and receiver with adaptive equali-
zation circuit
Y
Programmable binary or MLT-3 operation
Y
Isolated TX and RX power supplies for minimum noise
coupling
Y
Controlled transmit output edge rates for reduced EMI
Y
TRI-STATE capable current transmit outputs
Y
Loopback feature for board diagnostics
Y
Programmable transmit voltage amplitude
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com