Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 98 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 98 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 94Page - Texas Instruments DP83256 Datasheet HTML 95Page - Texas Instruments DP83256 Datasheet HTML 96Page - Texas Instruments DP83256 Datasheet HTML 97Page - Texas Instruments DP83256 Datasheet HTML 98Page - Texas Instruments DP83256 Datasheet HTML 99Page - Texas Instruments DP83256 Datasheet HTML 100Page - Texas Instruments DP83256 Datasheet HTML 101Page - Texas Instruments DP83256 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 146 page
background image
60 Signal Descriptions (Continued)
PHY PORT INTERFACE
The PHY Port Interface consists of IO signals used to connect the PLAYERa device to the Media Access Control (MAC)
sublayer or other PLAYERa device The DP83256 Device has two PHY Port Interfaces The A
Indicate path from one PHY
Port Interface and the B
Request path from the second PHY Port Interface Each path consists of an odd parity bit a control
bit and two 4-bit symbols
Refer to section 33 the Configuration Switch for more information
Symbol
Pin
IO
Description
AIP
6
O
PHY Port A Indicate Parity
A TTL output signal representing odd parity for the 10-bit wide Port A
Indicate signals (AIP AIC and AIDk70l)
AIC
7
O
PHY Port A Indicate Control
TTL output signal indicating that the two 4-bit symbols (AIDk74l and
AIDk30l) are either control symbols (AICe1) or data symbols (AICe0)
AID7
8
O
PHY Port A Indicate Data
TTL output signals representing the first 4-bit datacontrol symbol
AID6
9
AID7 is the most significant bit and AID4 is the least significant bit of the first symbol
AID5
10
AID4
13
AID3
14
O
PHY Port A Indicate Data
TTL output signals representing the second 4-bit datacontrol symbol
AID2
15
AID3 is the most significant bit and AID0 is the least significant bit of the second symbol
AID1
16
AID0
17
BRP
70
I
PHY Port B Request Parity
A TTL input signal representing odd parity for the 10-bit wide Port A
Request signals (BRP BRC and BRDk70l)
BRC
69
I
PHY Port B Request Control
A TTL input signal indicating that the two 4-bit symbols (BRDk74l and
BRDk30l) are either control symbols (BRCe1) or data symbols (BRCe0)
BRD7
68
I
PHY Port B Request Data
TTL input signals representing the first 4-bit datacontrol symbol
BRD6
67
BRD7 is the most significant bit and BRD4 is the least significant bit of the first symbol
BRD5
66
BRD4
63
BRD3
62
I
PHY Port B Request Data
TTL input signals representing the second 4-bit datacontrol symbol
BRD2
61
BRD3 is the most significant bit and BRD0 is the least significant bit of the second symbol
BRD1
60
BRD0
59
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com