Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 12 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 8Page - Texas Instruments DP83256 Datasheet HTML 9Page - Texas Instruments DP83256 Datasheet HTML 10Page - Texas Instruments DP83256 Datasheet HTML 11Page - Texas Instruments DP83256 Datasheet HTML 12Page - Texas Instruments DP83256 Datasheet HTML 13Page - Texas Instruments DP83256 Datasheet HTML 14Page - Texas Instruments DP83256 Datasheet HTML 15Page - Texas Instruments DP83256 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
30 Functional Description (Continued)
Super Idle Line State
The Line State Detector recognizes the incoming data to be
in the Super Idle Line State upon the reception of 8 consec-
utive Idle symbol pairs nominally (plus 1 symbol pair)
The Super Idle Line State is used to insure synchronization
of PCM signalling
No Signal Detect
The Line State Detector recognizes the incoming data to be
in the No Signal Detect state upon the deassertion of the
Signal Detect signal or lack of internal clock detect from the
Clock Recovery Module and reception of 8 Quiet symbol
pairs nominally No Signal Detect indicates that the incom-
ing link is inactive This is the same as receiving Quiet Line
State (QLS)
Master Line State
The Line State Detector recognizes the incoming data to be
in the Master Line State upon the reception of eight consec-
utive Halt-Quiet symbol pairs nominally (plus up to 2 symbol
pairs in start up cases)
The Master Line State is used in the handshaking sequence
of the PHY Connection Management process
Halt Line State
The Line State Detector recognizes the incoming data to be
in the Halt Line State upon the reception of eight consecu-
tive Halt symbol pairs nominally (plus up to 2 symbol pairs in
start up cases)
The Halt Line State is used in the handshaking sequence of
the PHY Connection Management process
Quiet Line State
The Line State Detector recognizes the incoming data to be
in the Quiet Line State upon the reception of eight consecu-
tive Quiet symbol pairs nominally (plus up to 9 bits of 0 in
start up cases)
The Quiet Line State is used in the handshaking sequence
of the PHY Connection Management process
Noise Line State
The Line State Detector recognizes the incoming data to be
in the Noise Line State upon the reception of 16 noise sym-
bol pairs without entering any known line state
The Noise Line State indicates that data is not being re-
ceived correctly
Line State Unknown
The Line State Detector recognizes the incoming data to be
in the Line State Unknown state upon the reception of 1
inconsistent symbol pair (ie data that is not expected) This
may signify the beginning of a new line state
Line State Unknown indicates that data is not being re-
ceived correctly If the condition persists the Noise Line
State (NLS) may be entered
ELASTICITY BUFFER
The Elasticity Buffer performs the function of a ‘‘variable
depth’’ FIFO to compensate for phase and frequency clock
skews between the Receive Clock (RXCg) and the Local
Byte Clock (LBC)
Bit 5 (EBOU) of the Receive Condition Register B (RCRB) is
set to 1 to indicate an error condition when the Elasticity
Buffer cannot compensate for the clock skew
The Elasticity Buffer will support a maximum clock skew of
50 ppm with a maximum packet length of 4500 bytes
To make up for the accumulation of frequency disparity be-
tween the two clocks the Elasticity Buffer will insert or de-
lete Idle symbol pairs in the preamble Data is written into
the byte-wide registers of the Elasticity Buffer with the Re-
ceive Clock while data is read from the registers with the
Local Byte Clock
The Elasticity Buffer will recenter (ie set the read and write
pointers to a predetermined distance from each other) upon
the detection of a JK or every four byte times during PHY
Invalid (ie MLS HLS QLS NLS NSD) and Idle Line State
The Elasticity Buffer is designed such that a given register
cannot be written and read simultaneously under normal op-
erating conditions To avoid metastability problems the EB
overflow event is flagged and the data is tagged before the
overunder run actually occurs
LINK ERROR DETECTOR
The Link Error Detector provides continuous monitoring of
an active link (ie during Active and Idle Line States) to
insure that it does not exceed the maximum Bit Error Rate
requirement as set by the ANSI standard for a station to
remain on the ring
Upon detecting a link error the internal 8-bit Link Error Mon-
itor Counter is decremented The start value for the Link
Error Monitor Counter is programmed through the Link Error
Threshold Register (LETR) When the Link Error Monitor
Counter reaches zero bit 4 (LEMT) of the Interrupt Condi-
tion Register (ICR) is set to 1 The current value of the Link
Error Monitor Counter can be read through the Current Link
Error Count Register (CLECR) For higher error rates the
current value is an approximate count because the counter
rolls over
There are two ways to monitor Link Error Rate polling and
interrupt
Polling
The Link Error Monitor Counter can be set to a large value
like FF This will allow for the greatest time between polling
the register This start value is programmed through the Link
Error Threshold Register (LETR)
Upon detecting a link error the Line Error Monitor Counter
is decremented
The Host System reads the current value of the Link Error
Monitor Counter via the Current Link Error Count Register
(CLECR) The Counter is then reset to FF
Interrupt
The Link Error Monitor Counter can be set to a small value
like 5 to 10 This start value is programmed through the Link
Error Threshold Register (LETR)
Upon detecting a link error the Line Error Monitor Counter
is decremented When the counter reaches zero bit 4
(LEMT) of the Interrupt Condition Register (ICR) is set to 1
and the interrupt signal goes low interrupting the Host Sys-
tem
Miscellaneous Items
When bit 0 (RUN) of the Mode Register (MR) is set to zero
or when the PLAYERa device is reset through the Reset
pin (ERST) the internal signal detect line is internally
forced to zero and the Line State Detector is set to Line
State Unknown and No Signal Detect
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com