Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 39 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 35Page - Texas Instruments DP83256 Datasheet HTML 36Page - Texas Instruments DP83256 Datasheet HTML 37Page - Texas Instruments DP83256 Datasheet HTML 38Page - Texas Instruments DP83256 Datasheet HTML 39Page - Texas Instruments DP83256 Datasheet HTML 40Page - Texas Instruments DP83256 Datasheet HTML 41Page - Texas Instruments DP83256 Datasheet HTML 42Page - Texas Instruments DP83256 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
50 Registers (Continued)
TABLE 5-1 Register Summary
(Continued)
Register
Address
Register
Symbol
Register Name
Access Rules
Read
Write
1Dh
RCCRB
Receive Condition Comparison Register B
Always
Always
1Eh
MODE2
Mode Register 2
Always
Conditional
1Fh
CMTCCR
CMT Condition Comparison Register
Always
Always
20h
CMTCR
CMT Condition Register
Always
Conditional
21h
CMTMR
CMT Condition Mask Register
Always
Always
22h
RR22
Reserved Register 22
Always
DO NOT WRITE
23h
RR23
Reserved Register 23
Always
DO NOT WRITE
24h
STTR
Scrub Timer Threshold Register
Always
Always
25h
STVR
Scrub Timer Value Register
Always
Write Reject
26h
TDR
Trigger Definition Register
Always
Always
27h
TTCR
Trigger Transition Configuration Register
Always
Always
28h
RR28
Reserved Register 28
Always
DO NOT WRITE
29h
RR29
Reserved Register 29
Always
DO NOT WRITE
2Ah
RR2A
Reserved Register 2A
Always
DO NOT WRITE
2Bh
RR2B
Reserved Register 2B
Always
DO NOT WRITE
2Ch
RR2C
Reserved Register 2C
Always
DO NOT WRITE
2Dh
RR2D
Reserved Register 2D
Always
DO NOT WRITE
2Eh
RR2E
Reserved Register 2E
Always
DO NOT WRITE
2Fh
RR2F
Reserved Register 2F
Always
DO NOT WRITE
30h
RR30
Reserved Register 30
Always
DO NOT WRITE
31h
RR31
Reserved Register 31
Always
DO NOT WRITE
32h
RR32
Reserved Register 32
Always
DO NOT WRITE
33h
RR33
Reserved Register 33
Always
DO NOT WRITE
34h
RR34
Reserved Register 34
Always
DO NOT WRITE
35h
RR35
Reserved Register 35
Always
DO NOT WRITE
36h
RR36
Reserved Register 36
Always
DO NOT WRITE
37h
RR37
Reserved Register 37
Always
DO NOT WRITE
38h
RR38
Reserved Register 38
Always
DO NOT WRITE
39h
RR39
Reserved Register 39
Always
DO NOT WRITE
3Ah
RR3A
Reserved Register 3A
Always
DO NOT WRITE
3Bh
CGMREG
Clock Generation Module Register
Always
Always
3Ch
APMDREG
Alternate PMD Register
Always
Always
3Dh
GAINREG
Gain Register
Always
Always
3Eh
RR3E
Reserved Register 3E
Always
DO NOT WRITE
3Fh
RR3F
Reserved Register 3F
Always
DO NOT WRITE
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com