Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 14 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 10Page - Texas Instruments DP83256 Datasheet HTML 11Page - Texas Instruments DP83256 Datasheet HTML 12Page - Texas Instruments DP83256 Datasheet HTML 13Page - Texas Instruments DP83256 Datasheet HTML 14Page - Texas Instruments DP83256 Datasheet HTML 15Page - Texas Instruments DP83256 Datasheet HTML 16Page - Texas Instruments DP83256 Datasheet HTML 17Page - Texas Instruments DP83256 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 146 page
background image
30 Functional Description (Continued)
DATA REGISTERS
Data from the Configuration Switch is stored in the Data
Registers The 10-bit byte-wide data consists of a parity bit
a control bit and two 4-bit data symbols as shown below
b9
b8
b7
b0
Parity Bit Control Bit
Data Bits
FIGURE 3-4 Byte-Wide Data
The parity is odd parity The control bit determines whether
the Data bits represent Data or Control information When
the control bit is 0 the Data field is interpreted as data and
when it is 1 the field is interpreted as control information
according to the National Semiconductor control codes
PARITY CHECKER
The Parity Checker verifies that the parity bit in the Data
Register represents odd parity (ie odd number of 1s)
The parity is enabled and disabled through bit 6 (PRDPE) of
the Current Transmit State Register (CTSR)
If a parity error occurs the Parity Checker will set bit 0 (DPE)
in the Interrupt Condition Register (ICR) and report the error
to the Repeat Filter
4B5B ENCODER
The 4B5B Encoder converts the two 4-bit data symbols
from the Configuration Switch into their respective 5-bit
codes
See Table 3-2 for the Symbol Encoding list
TABLE 3-2 4B5B Symbol Encoding
Symbol
4B Code
5B Code
0
0000
11110
1
0001
01001
2
0010
10100
3
0011
10101
4
0100
01010
5
0101
01011
6
0110
01110
7
0111
01111
8
1000
10010
9
1001
10011
A
1010
10110
B
1011
10111
C
1100
11010
D
1101
11011
E
1110
11100
F
1111
11101
N
0000
11110 or
11111
JK (Starting
1101
11000 and
Delimiter)
10001
T (Ending
0100 or
01101
Delimiter)
0101
R (Reset)
0110
00111
Note
The upper group of symbols are sent with the ControlData pin set to
Data while the bottom grouping of symbols are sent with the ControlData
pin set to Control
REPEAT FILTER
The Repeat Filter is used to prevent the propagation of
code violations to the downstream station
Upon receiving violations in data frames the Repeat Filter
replaces them with two Halt symbol pairs followed by Idle
symbols Thus the code violations are isolated and recov-
ered at each link and will not be propagated throughout the
entire ring
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com