Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 65 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 61Page - Texas Instruments DP83256 Datasheet HTML 62Page - Texas Instruments DP83256 Datasheet HTML 63Page - Texas Instruments DP83256 Datasheet HTML 64Page - Texas Instruments DP83256 Datasheet HTML 65Page - Texas Instruments DP83256 Datasheet HTML 66Page - Texas Instruments DP83256 Datasheet HTML 67Page - Texas Instruments DP83256 Datasheet HTML 68Page - Texas Instruments DP83256 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 146 page
background image
50 Registers (Continued)
520 CURRENT STATE COUNT REGISTER (CSCR)
The Current State Count Register takes a snap-shot of the State Counter during every Control Bus Interface read cycle of this
register
During a Control Bus Interface write cycle the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register
(ICR) will be set to 1 and will ignore a write cycle
ACCESS RULES
ADDRESS
READ
WRITE
13h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
SCLSCD
CSC6
CSC5
CSC4
CSC3
CSC2
CSC1
CSC0
Bit
Symbol
Description
D0 – D6
CSC0 – CSC6
CURRENT STATE COUNT BIT k0–6l
Snapshot of the State Counter
D7
SCLSCD
STATE COUNTER LINE STATE CHANGE DETECTION
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com