Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 44 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 40Page - Texas Instruments DP83256 Datasheet HTML 41Page - Texas Instruments DP83256 Datasheet HTML 42Page - Texas Instruments DP83256 Datasheet HTML 43Page - Texas Instruments DP83256 Datasheet HTML 44Page - Texas Instruments DP83256 Datasheet HTML 45Page - Texas Instruments DP83256 Datasheet HTML 46Page - Texas Instruments DP83256 Datasheet HTML 47Page - Texas Instruments DP83256 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 146 page
background image
50 Registers (Continued)
51 MODE REGISTER (MR)
The Mode Register is used to initialize and configure the PLAYERa device
ACCESS RULES
ADDRESS
READ
WRITE
00h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RNRZ
TNRZ
TE
TQL
CM
LILB
SILB
RUN
Bit
Symbol
Description
D0
RUN
RUN ESTOP
0 Enables the STOP mode Refer to section 42 STOP MODE for more information
1 Normal operation (ie RUN mode)
Note
The RUN bit is automatically set to 0 when the ERST pin is asserted (ie set to ground)
D1
SILB
SHORT INTERNAL LOOPBACK
0 Disables Internal Loopback mode (ie normal operation)
1 Enables Internal Loopback mode
Refer to section 43 LOOPBACK MODE for more information
D2
LILB
LONG INTERNAL LOOPBACK
0 Disables Long Internal Loopback mode (ie normal operation)
1 Enables Long Internal Loopback mode
Note
Long Internal Loopback should not be used when the Alternate PMD Interface is enabled
Refer to section 43 LOOPBACK MODE for more information
D3
CM
CASCADE MODE
0 Disables synchronization of cascaded PLAYERa devices
1 Enables the synchronization of cascaded PLAYERa devices
Refer to section 44 CASCADE MODE for more information
Note
Cascade Mode is only available on the DP83257 device The other devices do not have the required CS and CR pins Do not set this bit for
any device but the DP83257
D4
TQL
TRANSMIT QUIET LEVEL
This bit is used to program the transmission level of the Quiet symbols during Off
Transmit mode (OTM) only
0 Low (PMD OFF) level Quiet symbols are transmitted through the PMD Data Request pins (ie PMRD ae low
PMRD be high)
1 High (PMD ON) level Quiet symbols are transmitted through the PMD Data Request pins (ie PMRD ae high
PMRD be low)
D5
TE
TRANSMIT ENABLE
The TE bit controls the action of the PMD transmitter Enable (TXE) pin When TE is 0 the
TXE output disables the PMD transmitter when TE is 1 the PMD transmitter is disabled during the Off Transmit
Mode (OTM) and enabled otherwise The On and Off level of the TXE is depended on the PMD transmitter Enable
Level (TEL) pin to the PLAYERa device The following rules summaries the output of TXE
1 If TEe0 then TXEeOff
2 If TEe1 and OTM then TXEeOff
3 If TEe1 and not OTM then TXEeOn
D6
TNRZ
TRANSMIT NRZ DATA
0 Transmits data in Non-Return-To-Zero-Invert-On-Ones (NRZI) format (normal format)
1 Transmits data in Non-Return-To-Zero format (NRZ)
D7
RNRZ
RECEIVE NRZ DATA
0 Receives data in Non-Return-To-Zero-Invert-On-Ones format (NRZI) (normal format)
1 Receives data in Non-Return-To-Zero format (NRZ)
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com