Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 78 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 78 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 74Page - Texas Instruments DP83256 Datasheet HTML 75Page - Texas Instruments DP83256 Datasheet HTML 76Page - Texas Instruments DP83256 Datasheet HTML 77Page - Texas Instruments DP83256 Datasheet HTML 78Page - Texas Instruments DP83256 Datasheet HTML 79Page - Texas Instruments DP83256 Datasheet HTML 80Page - Texas Instruments DP83256 Datasheet HTML 81Page - Texas Instruments DP83256 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 146 page
background image
50 Registers (Continued)
533 CMT CONDITION REGISTER (CMTCR)
The CMT Condition Register maintains a history of all CMT events and actions performed The corresponding CMT Condition
Mask Register (CMTCMR) can be used to generate an interrupt When the bits in both the CMTCMR and CMTCR are set the
Receive Condition Register B’s Connection Service Event (RCRBCSE) bit will be set
ACCESS RULES
ADDRESS
READ
WRITE
20h
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
TCO
STE
RES
RES
RES
RES
RES
RES
Bit
Symbol
Description
D0-D5
RES
RESERVED
Reserved for future use
D6
STE
SCRUB TIMER EXPIRED
This bit is set to 1 when the Scrub Timer expires
Note
When STE is set the Configuration Register (CR) is protected
D7
TCO
TRIGGER CONDITION OCCURRED
This bit is set to 1 when a trigger condition is met When a trigger occurs
the values in the Trigger Transmit Mode (TDRTTM2-0) are loaded into the Current Transmit Mode Register
(CTSRTM2-0)
Note
When TCO is set the Current Transmit State Register (CTSR) is protected
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com