Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 7 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 3Page - Texas Instruments DP83256 Datasheet HTML 4Page - Texas Instruments DP83256 Datasheet HTML 5Page - Texas Instruments DP83256 Datasheet HTML 6Page - Texas Instruments DP83256 Datasheet HTML 7Page - Texas Instruments DP83256 Datasheet HTML 8Page - Texas Instruments DP83256 Datasheet HTML 9Page - Texas Instruments DP83256 Datasheet HTML 10Page - Texas Instruments DP83256 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 146 page
background image
20 Architecture Description (Continued)
Transmitter
The Transmitter Block accepts 10-bit bytes composed of 8
bits data 1 bit parity and 1 bit control information from the
Configuration Switch
The Transmitter Block performs the following operations
 Encodes the data from 4B to 5B coding
 Filters out code violations from the data stream
 Generates Idle Master Halt Quiet or other user defined
symbol pairs upon request
 Converts the data stream from NRZ to NRZI format for
transmission
 Provides smoothing function when necessary
During normal operation the Transmitter Block presents se-
rial data to the PMD transmitter While in Internal Loopback
mode the Transmitter Block presents serial data to the Re-
ceiver Block While in the External Loopback mode the
Transmitter Block presents serial data to the Clock Recov-
ery Module
Clock Generation Module
The Clock Generation Module is an integrated phase locked
loop that generates all of the required clock signals for the
PLAYERa device and an FDDI system from a single
125 MHz reference
The Clock Generation Module features
 High precision clock timing generated from a single
125 MHz reference
 Multiple precision phased (8 ns16 ns) 125 MHz Local
Byte Clocks to eliminate timing skew in large multi-board
concentrator configurations
 LBC timing which is insensitive to loading variations over
a wide range (20 pF to 70 pF) of LBC loads
 A selectable dual frequency system clock
 Low clock edge jitter due to high VCO stability
Station Management (SMT) Support
The Station Management Support Block provides a number
of useful features to simplify the implementation of the Con-
nection Management (CMT) portion of SMT
These features eliminate the time critical CMT response
time constraints imposed by PC
React and CF
React
times
Integrated counters and timers eliminate the need for addi-
tional external devices
The following are the CMT features supported
 PC React
 CF React
 Auto Scrubbing (TCF Timer)
 Timer Idle Detection (TID Timer)
 Noise Event Counter (TNE Timer)
 Link Error Monitor (LEM Counter)
22 INTERFACES
The PLAYERa device connects to other devices via five
functional interfaces PMD Interface PHY Port Interface
Control Bus Interface Clock Interface and the Miscellane-
ous Interface
PMD Interface
The PMD Interface connects the PLAYERa device to a
standard FDDI Physical Media Connection such as a fiber
optic transceiver or a copper twisted pair transceiver It is a
125 MHz full duplex serial connection
The DP83256-AP and DP83257 PLAYERa devices contain
two PMD interfaces The Primary PMD Interface should be
used for all PMD implementations that do not require an
external scramblerdescrambler function clock recovery
function or clock generation function such as a Fiber Optic
or Shielded Twisted Pair (SDDI) PMD The second Alter-
nate PMD Interface can be used to support Unshielded
Twisted Pair (UTP) PMDs that require external scrambling
and allows implementation with no external clock recovery
or clock generation functions required
PHY Port Interface
The PHY Port Interface connects the PLAYERa device to
one or more MAC devices andor PLAYERa devices Each
PHY Port Interface consists of two byte-wide interfaces one
for PHY Request data input to the PLAYERa device and
one for the PHY Indicate data output of the PLAYERa de-
vice Each byte-wide interface consists of a parity bit (odd
parity) a control bit and two 4-bit symbols
The DP83257 PLAYERa device has two PHY Port Interfac-
es while the DP83256 has one PHY Port Interface
Control Bus Interface
The Control Bus Interface connects the PLAYERa device
to a wide variety of microprocessors and microcontrollers
The Control Bus is an asynchronous interface which pro-
vides access to 64 8-bit registers which monitor and control
the behavior of the PLAYERa device
The Control Bus Interface allows a user to
 Configure SMT features
 Program the Configuration Switch
 Enabledisable functions within the Transmitter and Re-
ceiver Blocks (ie NRZNRZI Encoder Smoother PHY
Request Data Parity Line State Generation Symbol pair
Injection NRZNRZI Decoder Cascade Mode etc)
The Control Bus Interface also can be used to perform the
following functions
 Monitor Line States received
 Monitor link errors detected by the Receiver Block
 Monitor other error conditions
Clock Interface
The Clock Interface is used to configure the Clock Genera-
tion Module and to provide the required clock signals for an
FDDI system
The following clock signals are generated
 5 phase offset 125 MHz Local Byte Clocks
 25 MHz Local Symbol Clock
 15625 or 3125 MHz System Clock
Miscellaneous Interface
The Miscellaneous Interface consists of
 A reset signal
 User definable sense signals
 User definable enable signals
 Synchronization for cascading PLAYERa devices (a
high-performance non-FDDI mode)
 Device Power and Ground pins
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com