Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 55 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 55 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 51Page - Texas Instruments DP83256 Datasheet HTML 52Page - Texas Instruments DP83256 Datasheet HTML 53Page - Texas Instruments DP83256 Datasheet HTML 54Page - Texas Instruments DP83256 Datasheet HTML 55Page - Texas Instruments DP83256 Datasheet HTML 56Page - Texas Instruments DP83256 Datasheet HTML 57Page - Texas Instruments DP83256 Datasheet HTML 58Page - Texas Instruments DP83256 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 146 page
background image
50 Registers (Continued)
510 RECEIVE CONDITION REGISTER A (RCRA)
The Receive Condition Register A maintains a historical record of the Line States recognized by the Receiver Block
When a new Line State is entered the bit corresponding to that line state is set to 1 The bits corresponding to the previous Line
States are not cleared by the PLAYERa device thereby maintaining a record of the Line States detected
The Receive Condition A bit (RCA) of the Interrupt Condition Register (ICR) will be set to 1 when one or more bits within the
Receive Condition Register A is set to 1 and the corresponding mask bit(s) in Receive Condition Mask Register A (RCMRA) is
also set to 1
ACCESS RULES
ADDRESS
READ
WRITE
09h
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
LSUPI
LSC
NT
NLS
MLS
HLS
QLS
NSD
Bit
Symbol
Description
D0
NSD
NO SIGNAL DETECT
Indicates that the Signal Detect pin (TTLSD) has been deasserted and that the Clock
Recovery Module is not receiving data from the PMD receiver
D1
QLS
QUIET LINE STATE
Received a minimum of eight consecutive Quiet symbol pairs (00000 00000)
D2
HLS
HALT LINE STATE
Received a minimum of eight consecutive Halt symbol pairs (00100 00100)
D3
MLS
MASTER LINE STATE
Received a minimum of eight consecutive Halt-Quiet symbol pairs (00100 00000)
D4
NLS
NOISE LINE STATE
Detected a minimum of sixteen noise events
D5
NT
NOISE THRESHOLD
This bit is set to 1 when the internal Noise Counter reaches 0 It will remain set until a value
equal to or greater than one is loaded into the Noise Threshold Register or Noise Prescale Threshold Register
During the reset process (ie ERSTeGND) since the Noise Counter is initialized to 0 the Noise Threshold bit will
be set to 1
D6
LSC
LINE STATE CHANGE
A line state change has been detected
D7
LSUPI
LINE STATE UNKNOWN AND PHY INVALID
The Receiver Block has not detected the minimum conditions to
enter a known line state
In addition the most recently known line state was one of the following line states No Signal Detect Quiet Line
State Halt Line State Master Line State or Noise Line State
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com