Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) DP83907 Datasheet HTML 22Page - National Semiconductor (TI) DP83907 Datasheet HTML 23Page - National Semiconductor (TI) DP83907 Datasheet HTML 24Page - National Semiconductor (TI) DP83907 Datasheet HTML 25Page - National Semiconductor (TI) DP83907 Datasheet HTML 26Page - National Semiconductor (TI) DP83907 Datasheet HTML 27Page - National Semiconductor (TI) DP83907 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
50 Register Descriptions (Continued)
MODE CONFIGURATION REGISTER B
To prevent any accidental writes of this register it is ‘‘hidden’’ behind a previously unused register Register 0BH in the
DP83907’s Page 0 of registers was previously reserved on a read Now Configuration Register B can be read at that address
and can be written to by following a read to 0BH with a write to 0BH If any other DP83907 register accesses take place between
the read and the write then the write to 0BH will access the Remote Byte Count Register 1 Care should be taken when
writing to this register as GDLINK and BE are not simple readwrite bits
eg the user can not change the physical layer by
reading B or-ing the returned value with the bits to be set and writing this value to B This could inadvertently disable link
integrity generation and clear a bus error indication before it was noted
76
5
4
3
2
1
0
EELOAD
BPWR
BE
RES
IO16CON
GDLINK
PHYS1
PHYS0
Bit
Symbol
Function
0 – 1
PHYS0 –
PHYSICAL LAYER INTERFACE
These 2 bits determine which type of physical interface the DP83907 is
using The 2 TPI interfaces use twisted pair outputs and inputs while the other 2 interfaces use the AUI
PHYS1
outputs and inputs In 10BASE5 mode the THICKTHIN output pin is driven low in 10BASE2 mode it is
driven high This can be used to enable the DC-DC converter required by the 10BASE2 specification to
provide electrical isolation The Non spec TPI mode is a twisted pair mode with reduced receive squelch
levels This allows the use of longer cable lengths than specified in the twisted pair specification or the use
of cable with higher losses
Bit10
0 0
TPI (10BASE-T Compatible Squelch Level)
0 1
Thin Ethernet (10BASE2)
1 0
Thick Ethernet (10BASE5) (AUI Port)
1 1
TPI (Reduced Squelch Level)
2
GDLINK
GOOD LINK
Whena1is written to this bit the link test pulse generation and integrity checking is disabled
When this bit is read it will indicate the link status reflecting the value shown on the LED output It is 0 if the
DP83907 is in AUI mode or if link testing is enabled and the link integrity is bad (ie the twisted pair link has
been broken) It is 1 if the DP83907 is in TPI mode link integrity checking is enabled and the link integrity is
good (ie the twisted pair link has not been broken) or if the link testing is disabled
3
IO16CON
IO16 CONTROL
When this bit is set high the DP83907 generates IO16 after IORD or IOWR go active If
low this output is generated only on address decode
4
RES
RESERVED
This bit must be set low for normal operation
5BE
BUS ERROR
This bit shows that the DP83907 has detected a bus error condition This will go high if the
DP83907 attempts to insert wait states into a system access and the system terminates the cycle without
inserting the wait states Writing a one to this bit clears it to zero Writing a zero has no effect
6
BPWR
BOOT PROM WRITE
When this bit is low no write cycles are generated to the boot PROM
7
EELOAD
EEPROM LOAD
Writinga1to this bit enables the EEPROM load algorithm as detailed in Section 4 This
bit should not be configured to be high either from switches or an EEPROM
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com