Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 37Page - National Semiconductor (TI) DP83907 Datasheet HTML 38Page - National Semiconductor (TI) DP83907 Datasheet HTML 39Page - National Semiconductor (TI) DP83907 Datasheet HTML 40Page - National Semiconductor (TI) DP83907 Datasheet HTML 41Page - National Semiconductor (TI) DP83907 Datasheet HTML 42Page - National Semiconductor (TI) DP83907 Datasheet HTML 43Page - National Semiconductor (TI) DP83907 Datasheet HTML 44Page - National Semiconductor (TI) DP83907 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
60 Operation of DP83907 (Continued)
TLF12082 – 22
FIGURE 27 DP83907 Bus Architecture
62 BUFFER MEMORY ACCESS CONTROL (DMA)
The buffer memory control capabilities of the DP83907
greatly simplify the use of the DP83907 in typical configura-
tions The local DMA channel transfers data between the
FIFO and memory On transmission the packet is DMA’d
from memory to the FIFO in bursts Should a collision occur
(up to 15 times) the packet is re-transmitted with no proces-
sor intervention On reception packets are moved via DMA
from the FIFO to the receive buffer ring (as explained be-
low)
A Remote DMA channel is also provided on the DP83907 to
accomplish transfers between a buffer memory and an in-
ternal Data Port when using the DP83907 in IO Mode This
Remote DMA channel is not used when the DP83907 is
used in a shared Memory mode In this second mode the
buffer memory is dual ported and directly mapped into the
system memory In this mode the system CPU directly ac-
cesses the RAM under software control to transfer packet
data
The following sections describe the operation of the Local
DMA channel for packet reception which is used in both
modes For Shared Memory mode the description of the
Remote DMA does not apply
For reference an example configuration using the DP83907
is shown in
Figure 27
TLF12082 – 23
FIGURE 28 DP83907 Receive Buffer Ring
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com