Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP83907 Datasheet HTML 1Page - National Semiconductor (TI) DP83907 Datasheet HTML 2Page - National Semiconductor (TI) DP83907 Datasheet HTML 3Page - National Semiconductor (TI) DP83907 Datasheet HTML 4Page - National Semiconductor (TI) DP83907 Datasheet HTML 5Page - National Semiconductor (TI) DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
General Description (Continued)
The integrated ENDEC module allows Manchester encod-
ing and decoding via a differential transceiver and phase
lock loop decoder at 10 Mbitsec Also included are a colli-
sion detect translator and diagnostic loopback capability
The ENDEC module interfaces directly to the transceiver
module and also provides a fully IEEE compliant AUI (At-
tachment Unit Interface) for connection to other media
transceivers
The Media Access Control function which is provided by the
Network Interface Control module (NIC) provides simple
and efficient packet transmission and reception control by
means of off-board memory which can be accessed through
an IO port
The DP83907 provides a comprehensive solution for
10BASE-T IEEE 8023 networks Due to the inherent con-
straints of CMOS processing isolation is required at the AUI
differential signal interface for 10BASE5 and 10BASE2 ap-
plications
TabIe Of Contents
10 SYSTEM DIAGRAM
11 Connection Diagram
20 PIN DESCRIPTION
30 SIMPLIFIED APPLICATION DIAGRAM
40 FUNCTIONAL DESCRIPTION
41 Bus Interface Block
42 Power on RESET Operation
43 EEPROM OperatIon
44 Jumperless Operation Support
45 Ethernet Cable Configuratlon
46 Interrupt AND LED OperatIon
47 Boot PROM OperatIon
48 DP8390 Core (Network interface Controller)
49 Twisted Pair Interface Module
410 EncoderDecoder (ENDEC) Module
50 REGISTER DESCRIPTIONS
51 Configuration Registers
52 NIC Core Registers
53 DP8390 Core DMA Registers
60 OPERATION OF DP83907
61 TransmitReceive Packet EncapsulationDecapsula-
tion
62 Buffer Memory Access Control (DMA)
63 Packet Reception
64 Packet TransmissIon
65 Loopback DIagnostics
66 Memory Arbitration and Bus Operation
67 Functional Bus TimIng
70 IN-CIRCUIT TEST (ICT) DESCRIPTION
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com