Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 49Page - National Semiconductor (TI) DP83907 Datasheet HTML 50Page - National Semiconductor (TI) DP83907 Datasheet HTML 51Page - National Semiconductor (TI) DP83907 Datasheet HTML 52Page - National Semiconductor (TI) DP83907 Datasheet HTML 53Page - National Semiconductor (TI) DP83907 Datasheet HTML 54Page - National Semiconductor (TI) DP83907 Datasheet HTML 55Page - National Semiconductor (TI) DP83907 Datasheet HTML 56Page - National Semiconductor (TI) DP83907 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
60 Operation of DP83907 (Continued)
The DMA Address will be incremented and the Byte Coun-
ter will be decremented after each transjer The DMA is
terminated when the Remote Byte Count Register reaches
zero
Send Packet Command
The Remote DMA channel can
be automatically initialized to transfer a single packet from
the Receive Buffer Ring The CPU begins this transfer by
issuing a ‘‘Send Packet’’ Command The DMA will be initial-
ized to the value of the Boundary Pointer Register and the
Remote Byte Count Register pair (RBCR0 RBCR1) will be
initialized to the value of the Receive Byte Count fields
found in the Buffer Header of each packet After the data is
transferred the Boundary Pointer is advanced to allow the
buffers to be used for new receive packets The Remote
Read will terminate when the Byte Count equals zero The
Remote DMA is then prepared to read the next packet from
the Receive Buffer Ring If the DMA pointer crosses the
Page Stop Register it is reset to the Page Start Address
This allows the Remote DMA to remove packets that have
wrapped around to the top of the Receive Buffer Ring
Note 1
In order for the DP83907 Controller to correctly execute the Send
Packet Command the upper Remote Byte Count Register (RBCR1)
must first be loaded with 0FH
Note 2
The Send Packet command cannot be used with 680x0 type proc-
essors
IO READ TIMlNG
1) The DMA reads word from local buffer memory and
writes the word into the internal latch increments the
DMA
address
and
decrements
the
byte
count
(RBCR01)
2) Internally a request line is asserted to enable the system
to read the port If the system reads this port before the
data has been written then the system is sent a wait
signal to wait until the data has been written to the port
Once written the systems read is allowed to complete
3) The system reads the port the read strobe for the port is
used as an acknowledge to the Remote DMA and it goes
back to step 1
Steps 1 – 3 are repeated until the remote DMA is complete
(ie the byte count has gone to zero)
Note that in order for the Remote DMA to transfer a word
from memory to the latch it must arbitrate access to the
local buffer RAM After each word is transferred to the inter-
nal latch access to the RAM is relinquished If a Local DMA
is in progress the Remote DMA is held off until the local
DMA is complete
IO WRITE TIMING
A Remote Write operation transfers data from the IO port
to the local buffer RAM The system transfers a byte-word
to the latch via IOWR This write strobe is detected by the
DP83907 and the byteword is transferred to local buffer
memory The Remote DMA holds off further transfers into
the latch until the current byteword has been transferred
from the latch
1) DP83907 awaits data to be written by the system Sys-
tem writes byteword into latch
2) Remote DMA reads contents of port and writes byte
word to local buffer memory increments address and
decrements byte count (RBCR01)
3) Go back to step 1
Steps 1 – 3 are repeated until the remote DMA is com-
plete
67 FUNCTIONAL BUS TIMING
This section describes the bus cycles that the DP83907 per-
forms These timings can be subdivided into 3 basic catego-
ries
1 ISA IO Access There are register accesses in both
modes and IO data accesses in IO mode
2 Shared RAM ISA Accesses These are the timing for the
ISA bus accesses through the DP83907 to the memory
bus and buffer RAM
3 Boot PROM ISA Accesses These are the timing for the
ISA bus accesses through the DP83907 to the memory
bus and boot PROM
4 Local and IO RAM Accesses This is the timing of the
Local DMA accesses from the NlC Core FlF0 to the
RAM and the Remote DMA accesses to the RAM over
the memory bus
ISA Bus IO Accesses
The DP83907 is designed to directly interface to the ISA bus
(PC AT backplane bus) The CPU can read or write any
internal registers All register accesses are byte wide The
functional timing for DP83907 accesses are shown in the
following pages
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com