Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 15Page - National Semiconductor (TI) DP83907 Datasheet HTML 16Page - National Semiconductor (TI) DP83907 Datasheet HTML 17Page - National Semiconductor (TI) DP83907 Datasheet HTML 18Page - National Semiconductor (TI) DP83907 Datasheet HTML 19Page - National Semiconductor (TI) DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) DP83907 Datasheet HTML 22Page - National Semiconductor (TI) DP83907 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
40 Functional Description (Continued)
TLF12082 – 52
FIGURE 16b Circuitry to Connect DP83907 to Twisted Pair Cable with Internal Filter
On-Chip Filters
The on-chip filters are enabled via an external pull-up resis-
tors on MSDk12l at configuration Only an isolation trans-
former and impedance matching resistors are needed for
the transmit and receive twisted pair interface
UTPSTP Function
The TPI transceiver supports both shielded and unshielded
twisted pair cable UTP is default but STP can be enabled
during configuration by a pull-up on MSAk7l or by setting
bit D6 of configuration register C In UTP mode TXOa and
TXODa are driven and TXOb and TXODb are TRI-STAT-
ED In STP mode TXOb and TXODb are driven and
TXOa and TXODa are TRI-STATED
Auto-Switch Function
When an auto-switch function is enabled at configuration by
a pull-up on MSAk5l or by setting bit D4 of the configura-
tion register C it allows the transceiver to switch between
TP and AUI outputs If there is an absence of link pulses
the transceiver will switch to AUI mode Similarly when the
transceiver starts detecting link pulses it will switch to TP
mode The switching from one mode to the next is only
done after the current package has been transmitted or re-
ceived If the twisted pair output is jabbering and gets into
link fail state then the switch to AUI mode is only done after
the jabbering is done including the time it takes to unjab
(unjab time) When auto-switching is enabled the THIN out-
put is automatically generated if AUI is selected
TLF12082 – 12
FIGURE 17 Typical DP83907 LED Connection
Status Information
Status information is provided by the DP83907 on the
ACT
led
COL
led and GDLNK
led outputs as de-
scribed in the pin description table These outputs are suit-
able for driving status LED’s as shown in
Figure 17 All out-
puts are open drain
Recommended Transformers for Internal Filter mode
1) Valor PT4160
2) Pulse PE-68029
3) PCA EPE6087A
4) Delta THX16B02
5) Belfus A553-3899-06
6) Kappa TP3036
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com