Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 42Page - National Semiconductor (TI) DP83907 Datasheet HTML 43Page - National Semiconductor (TI) DP83907 Datasheet HTML 44Page - National Semiconductor (TI) DP83907 Datasheet HTML 45Page - National Semiconductor (TI) DP83907 Datasheet HTML 46Page - National Semiconductor (TI) DP83907 Datasheet HTML 47Page - National Semiconductor (TI) DP83907 Datasheet HTML 48Page - National Semiconductor (TI) DP83907 Datasheet HTML 49Page - National Semiconductor (TI) DP83907 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
60 Operation of DP83907 (Continued)
Error Recovery
If the packet is rejected as shown the DMA is restored by
the DP83907 by reprogramming the DMA starting address
pointed to by the Current Page Register
Storage Format for Received Packets
The following diagrams describe the format for how re-
ceived packets are placed into memory by the local DMA
channel These modes are selected in the Data Configura-
tion Register
AD15
AD8
AD7
AD0
Next Packet Pointer
Receive Status
Receive Byte Count 1
Receive Byte Count 0
Byte 2
Byte 1
BOS e 0 WTS e 1 in Data Configuration Register This format is used with
Series 32xxx or 808xx processors
AD15
AD8
AD7
AD0
Next Packet Pointer
Receive Status
Receive Byte Count 0
Receive Byte Count 1
Byte 1
Byte 2
BOS e 1 WTS e 1 in Data Configuration Register This format is used with
680 x 0 type processors (Note the Receive Count ordering remains the
same for BOS e 0or1 )
Receive Status
Next Packet Pointer
Receive Byte Count 0
Receive Byte Count 1
Byte 0
Byte 1
BOS e 0 WTS e 0 in Data Configuration Register This format is used with
general 8-bit processors
64 PACKET TRANSMISSION
The Local DMA is also used during transmission of a pack-
et Three registers control the DMA transfer during trans-
mission a Transmit Page Start Address Register (TPSR)
and the Transmit Byte Count Registers (TBCR0 1) When
the DP83907 receives a command to transmit the packet
pointed to by these registers buffer memory data will be
moved into the FIFO as required during transmission The
DP83907 will generate and append the preamble synch
and CRC fields
General Transmit Packet Format
Transmit
Destination Address
6 Bytes
Byte
Source Address
6 Bytes
Count
TypeLength
2 Bytes
TBCR0 1
Data
t
46 Bytes
Pad (if data k 46 Bytes)
Transmit Packet Assembly
The DP83907 requires a contiguous assembled packet with
the format shown The transmit byte count includes the
Destination Address Source Address Length Field and
Data It does not include preamble and CRC When trans-
mitting data smaller than 46 bytes the packet must be pad-
ded to a minimum size of 64 bytes The programmer is re-
sponsible for adding and stripping pad bytes
The packets are placed in the buffer RAM by the system In
IO Mode the system programs the NIC Core’s Remote
DMA to mode the data from the data port to the RAM hand-
shaking with system transfers loading the IO data port In
Shared Memory Mode the packets are written directly to the
RAM by system using standard memory transfer instruc-
tions (MOV)
For IO mode the data transfer must be 16 bits (1 word)
when in 16 bit mode and 8 bits when the DP83907 is set in
8 bit mode The data width is selected by setting the WTS
bit in the Data Configuration Register and setting the DWID
pin for the proper mode
In Shared Memory mode data transfer can be accomplished
by using either 8- or 16-bit data transfer instructions be-
cause this mode responds to 816 bit data signaling on the
ISA bus In this mode Shared Memory Control Register 2 bit
6 sets the bus interface data width and the NIC Core’s data
width is set by the WTS bit in the Data Configuration Regis-
ter
Transmission
Prior to transmission the TPSR (Transmit Page Start Regis-
ter) and TBCR0 TBCR1 (Transmit Byte Count Registers)
must be initialized To initiate transmission of the packet the
TXP bit in the Command Register is set The Transmit
Status Register (TSR) is cleared and the DP83907 begins to
prefetch transmit data from memory (unless the DP83907 is
currently receiving) If the interframe gap has timed out the
DP83907 will begin transmission
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com