Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 5Page - National Semiconductor (TI) DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) DP83907 Datasheet HTML 10Page - National Semiconductor (TI) DP83907 Datasheet HTML 11Page - National Semiconductor (TI) DP83907 Datasheet HTML 12Page - National Semiconductor (TI) DP83907 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
30 Simplified Application Diagram (Continued)
TLF12082 – 4
FIGURE 1 Block Diagram of DP83907
40 Functional Description
The DP83907 is a highly integrated and configurable Ether-
net controller making it suitable for most Ethernet applica-
tions The DP83907 integrates the functions of the following
blocks
1 ISA Bus Interface containing all logic required to connect
the DP8390 core to a packet buffer RAM and the ISA
bus
2 DP8390 Ethernet Controller Core and Media Access
Control logic
3 Media Interface which includes a TPI transceiver
41 BUS INTERFACE BLOCK
The DP83907’s Bus interface block provides the circuitry to
interface the Ethernet controller logic and the external pack-
et buffer RAM to an ISA (Industry Standard Architecture)
Bus The bus interface provides an NE2000 Architecture
compatible IO port architecture supporting both 8-bit and
16-bit wide ISA Bus slots
DETERMINING 8-BIT OR 16-BIT WIDE DATA
DP83907 can treat the system data bus and all internal data
busses as 8 bits or 16 bits wide 8-bit or 16-bit mode is
determined by MSA9 at reset For an adapter card this pin
can be used to automatically detect if the card has been
plugged into an 8-bit or 16-bit slot by connecting MSA9 via a
10 kX pull-up resistor to a VDD on the upper connector It
will be pulled high when plugged into a 16-bit slot enabling
16-bit mode and floating when plugged into an 8-bit slot
When floating the internal pull-down resistor will enable 8-bit
mode
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com