Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83907 Datasheet HTML 1Page - National Semiconductor (TI) DP83907 Datasheet HTML 2Page - National Semiconductor (TI) DP83907 Datasheet HTML 3Page - National Semiconductor (TI) DP83907 Datasheet HTML 4Page - National Semiconductor (TI) DP83907 Datasheet HTML 5Page - National Semiconductor (TI) DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
TLF12082
PRELIMINARY
November 1995
DP83907 ATLANTIC
TM II
General Description
The DP83907 Twisted-Pair Enhanced Coaxial Network In-
terface Controller is a CMOS VLSI device designed for easy
implementation of CSMACD local area networks
Unique to the DP83907 is the integration of the entire bus
interface for PCAT ISA (Industry Standard Architecture) bus
based systems Hardware and software selectable options
allow the DP83907’s bus interface to be configured in the
same manner as an NE2000 Architecture All bus drivers
and control logic are integrated to reduce board cost and
area
Supported
network
interfaces
include
10BASE5
or
10BASE2 Ethernet via an external transceiver connected to
its AUl port and Twisted-pair Ethernet
(10BASE-T) using
the on-board transceiver The DP83907 provides the Ether-
net Media Access Control (MAC) Encode-Decode (ENDEC)
with an AUl interface and 10BASE-T transceiver functions
in accordance with the lEEE 8023 standards
The DP83907’s integrated 10BASE-T transceiver fully com-
plies with the IEEE standard This functional block incorpo-
rates the receiver transmitter collision heartbeat loop-
back jabber and link integrity blocks as defined in the stan-
dard The transceiver when combined with equalization re-
sistors transmitreceive filters and pulse transformers pro-
vides a complete physical interface from the DP83907’s
ENDEC module and the twisted pair medium
(continued)
Features
Y
Controller and integrated bus interface solution for IEEE
8023 10BASE5 10BASE2 and 10BASE-T
Y
Software compatible with industry standard Ethernet
Adapters Novell ’s NE2000
Y
No external bus logic or drivers needed
Y
Supports jumpered or jumperless configuration
Y
Provides EEPROM interface for non-volatile storage of
configuration data
user-defined data and Ethernet
Physical Address
Y
Allows in-situ programming of EEPROM
Y
Integrated controller ENDEC and transceiver
Y
Full IEEE 8023 compliant AUI interface
Y
Single 5V supply
10BASE-T TRANSCEIVER MODULE
Y
Integrates transceiver functionality
Y
Transmitter and receiver functions
Y
Collision detect heartbeat and jabber
Y
Selectable link integrity test or link disable
Y
Polarity DetectionCorrection
Y
Auto switch
Y
On chip filter
ENDEC MODULE
Y
10 Mbits Manchester encodingdecoding
Y
Squelch on receive and collision pairs
MACCONTROLLER MODULE
Y
Software compatible with DP8390 DP83901 DP83902
Y
Efficient buffer management implementation
IN-CIRCUIT TEST
10 System Diagram
TLF12082 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
ATLANTICTM is a trademark of National Semiconductor Corporation
Ethernet
is a registered trademark of Xerox Corporation
NetWareTM is a trademark of Novell Incorporated
Novell
is a registered trademark of Novell Incorporated
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DP83907

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DP83907 PULSE-DP83907 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DP83907

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141627 MOTOROLA-MC141627 Datasheet
153Kb / 16P
ADVANCED PAL COMB FILTER-II(APCF-II)
logo
Littelfuse
0252.062M- LITTELFUSE-0252.062M- Datasheet
178Kb / 1P
PICO II
0252.250M- LITTELFUSE-0252.250M- Datasheet
178Kb / 1P
PICO II
0252.500M- LITTELFUSE-0252.500M- Datasheet
178Kb / 1P
PICO II
logo
GSI Technology
GS8672D19BGE-333I GSI-GS8672D19BGE-333I Datasheet
483Kb / 28P
72Mb SigmaQuadTM-II 72Mb SigmaQuadTM-II
GS81302D38AGD-633 GSI-GS81302D38AGD-633 Datasheet
446Kb / 26P
144Mb SigmaQuad-II 144Mb SigmaQuad-II
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
288Mb SigmaQuad-II 288Mb SigmaQuad-II
GS8342Q10BGD-200 GSI-GS8342Q10BGD-200 Datasheet
502Kb / 28P
36Mb SigmaQuad-II 36Mb SigmaQuad-II
GS8672D38BGE-400 GSI-GS8672D38BGE-400 Datasheet
483Kb / 30P
72Mb SigmaQuad-IITM72Mb SigmaQuad-IITM
logo
Lapp.
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com